Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM49250 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM49250
Szczegółowy opis  Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM49250 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM49250 Datasheet HTML 1Page - Texas Instruments LM49250 Datasheet HTML 2Page - Texas Instruments LM49250 Datasheet HTML 3Page - Texas Instruments LM49250 Datasheet HTML 4Page - Texas Instruments LM49250 Datasheet HTML 5Page - Texas Instruments LM49250 Datasheet HTML 6Page - Texas Instruments LM49250 Datasheet HTML 7Page - Texas Instruments LM49250 Datasheet HTML 8Page - Texas Instruments LM49250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM49250
www.ti.com
SNAS406C – JANUARY 2008 – REVISED MAY 2013
LM49250
Enhanced Emissions Suppression Stereo Class
D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
Check for Samples: LM49250
1
FEATURES
DESCRIPTION
The LM49250 is a fully integrated audio subsystem
2
Output Short Circuit Protection
designed for stereo cell phone applications. The
Thermal Overload Protection
LM49250 combines a 2.4W/Ch stereo class D
Stereo Filterless Class D Operation
speaker amplifiers with a 45mW/Ch stereo ground
referenced headphone amplifier, a class AB earpiece
Spread Spectrum Modulation
amplifier, TI 3D enhancement, volume control, and an
Ground Referenced Headphone Drivers
input mixer into a single device. The filterless class D
I2C Control Interface
amplifiers deliver 1.2W/Ch into an 8
Ω load with <1%
THD+N from a 5V supply.
32-Step Input Volume Control
Output Volume Control
The LM49250 features a new circuit technology that
utilizes a charge pump to generate a negative supply
Minimum External Components
voltage. This allows the headphone outputs to be
Click and Pop Suppression
biased about ground, thereby eliminating the output-
Micro-Power Shutdown
coupling capacitors.
Available in Space-Saving 36–Bump DSBGA
For improved noise immunity, the LM49250 features
Package
fully differential left, right and mono inputs. The three
Single Supply Operation
inputs can be mixed/multiplexed to any output
combination
of
the
loudspeaker,
headphone
or
RF Suppression
earpiece amplifiers. The left and right differential
inputs can be used as separate single-ended inputs,
APPLICATIONS
mixing multiple stereo audio sources. The mixer,
Mobile Phones
volume
control,
and
device
mode
select
are
controlled through an I2C compatible interface.
Portable Navigation Devices
Portable Media Players
KEY SPECIFICATIONS
Power Output at VDD = 5V Speaker:
RL = 4Ω, THD+N ≤ 1%: 1.97W/Ch
RL = 4Ω, THD+N ≤ 10%: 2.4W/Ch
RL =8Ω, THD+N ≤ 1%: 1.2W/Ch
Headphone:
RL = 16Ω, THD+N ≤ 1%: 41mW/Ch
RL = 32Ω, THD+N ≤ 1%: 45mW/Ch
Earpiece:
RL = 16Ω, THD+N ≤ 1%: 170mW
RL = 32Ω, THD+N ≤ 1%: 90mW
Shutdown Current: 0.1
μA
Efficiency at 5V, 1W into 8
Ω: 87%
Efficiency at 3.6V, 500mW into 8
Ω: 85%
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM49250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49250RL NSC-LM49250RL Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49250 NSC-LM49250_08 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
More results

Podobny opis - LM49250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM49250 NSC-LM49250_08 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
LM49250 NSC-LM49250 Datasheet
1Mb / 36P
   Enhanced Emissions Suppression Stereo Class D Audio Sub-System with Ground Referenced Headphone Amplifier and Mono Earpiece
logo
Texas Instruments
LM49150 TI1-LM49150_14 Datasheet
1Mb / 31P
[Old version datasheet]   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
National Semiconductor ...
LM49150 NSC-LM49150 Datasheet
782Kb / 28P
   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
logo
Texas Instruments
LM49150 TI1-LM49150 Datasheet
1Mb / 31P
[Old version datasheet]   Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
LM49352 TI1-LM49352_14 Datasheet
1Mb / 104P
[Old version datasheet]   Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers Earpiece Driver, and Audio DSP
LM49352 TI1-LM49352 Datasheet
2Mb / 112P
[Old version datasheet]   Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
LM49352 TI-LM49352_15 Datasheet
2Mb / 106P
[Old version datasheet]   Boomer Mono Class D Audio Codec Subsystem with Ground Referenced Headphone Amplifiers, Earpiece Driver, and Audio DSP
logo
National Semiconductor ...
LM49350 NSC-LM49350 Datasheet
3Mb / 104P
   High Performance Audio Codec Sub-System with a Ground-Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com