Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1587AMX Arkusz danych(PDF) 4 Page - Fairchild Semiconductor

Numer części FAN1587AMX
Szczegółowy opis  3A Adjustable/Fixed Low Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1587AMX Arkusz danych(HTML) 4 Page - Fairchild Semiconductor

  FAN1587AMX Datasheet HTML 1Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 2Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PRODUCT SPECIFICATION
FAN1587A
REV. 1.0.5 11/10/03
4
Electrical Characteristics
Tj = 25°C unless otherwise specified.
The
• denotes specifications which apply over the specified operating temperature range.
Notes:
1. See thermal regulation specifications for changes in output voltage due to heating effects. Load and line regulation are
measured at a constant junction temperature by low duty cycle pulse testing.
2. Line and load regulation are guaranteed up to the maximum power dissipation (18W). Power dissipation is determined by
input/output differential and the output currrent. Guaranteed maximum output power will not be available over the full input/
output voltage range.
3. FAN1587A only.
4. FAN1587A-1.5 only.
5. FAN1587A-3.3 only.
6. Output current must be limited to meet the absolute maximum ratings of the part.
Parameter
Conditions
Min.
Typ.
Max
Units
Reference Voltage3
1.5V
≤ (VIN – VOUT) ≤ 8.25V,
10mA
≤ IOUT ≤ 3A
1.225
(-2%)
1.250
1.275
(+2%)
V
Output Voltage4, 6
3.0V
≤ VIN ≤ 8.5V
10mA
≤ IOUT ≤ 3A
1.47
1.5
1.53
V
Output Voltage5, 6
4.8V
≤ VIN ≤ 10.3V
10mA
≤ IOUT ≤ 3A
3.234
3.3
3.366
V
Line Regulation1, 2
(VOUT + 1.5V)
≤ VIN ≤ 12V,
IOUT
= 10mA
0.005
0.2
%
Load Regulation1, 2
(VIN – VOUT) = 3V
10mA
≤ IOUT ≤ 3A
0.05
0.5
%
Dropout Voltage
∆VREF = 1%, IOUT = 3A
1.150
1.300
V
Current Limit
(VIN – VOUT) = 2V
3.1
4
A
Adjust Pin Current3
35
120
µA
Adjust Pin Current
Change3, 6
1.5V
≤ (VIN – VOUT) ≤ 12V,
10mA
≤ IOUT ≤ 3A
0.2
5
µA
Minimum Load Current
1.5V
≤ (VIN – VOUT) ≤ 12V
10
mA
Quiescent Current
VIN = 5V
413
mA
Ripple Rejection
f = 120Hz, COUT = 22
µF Tantalum,
(VIN – VOUT) = 3V, IOUT = 3A
60
72
dB
Thermal Regulation
TA = 25
°C, 30ms pulse
0.004
0.02
%/W
Temperature Stability
0.5
%
Long-Term Stability
TA = 125
°C, 1000 hrs.
0.03
1.0
%
RMS Output Noise
(% of VOUT)
TA = 25
°C, 10Hz ≤ f ≤ 10kHz
0.003
%
Thermal Resistance,
Junction to Case
TO-220
3
°C/W
TO-263, TO-252
3
°C/W
Thermal Shutdown
150
°C


Podobny numer części - FAN1587AMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581D15X FAIRCHILD-FAN1581D15X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581D25X FAIRCHILD-FAN1581D25X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581DX FAIRCHILD-FAN1581DX Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581M12X FAIRCHILD-FAN1581M12X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Podobny opis - FAN1587AMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085A UTC-UZ2085A Datasheet
216Kb / 5P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com