Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1587AMX Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FAN1587AMX
Szczegółowy opis  3A Adjustable/Fixed Low Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1587AMX Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FAN1587AMX Datasheet HTML 1Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 2Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 3Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 4Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 5Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FAN1587A
PRODUCT SPECIFICATION
5
REV. 1.0.5 11/10/03
Typical Performance Characteristics
Figure 2. Dropout Voltage vs. Output Current
Figure 3. Load Regulation vs. Temperature
Figure 4. Reference Voltage vs. Temperature
Figure 5. Output Voltage vs. Temperature
Figure 6. Minimum Load Current vs. Temperature
Figure 7. Adjust Pin Current vs. Temperature
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
∆I = 3A
0.5
1
1.5
OUTPUT CURRENT (A)
2
3.0
2.5
0
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
T=25
°C
T=0
°C
T=125
°C
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
3.70
3.65
3.60
3.55
3.50
3.45
3.40
3.35
3.30
3.25
3.20
VOUT SET WITH 1% RESISTORS
VOUT = 3.6V
1
VOUT = 3.3V
2
Note:
1. FAN1587A Only
2. FAN1587A, -3.3
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
1.275
1.270
1.265
1.260
1.255
1.250
1.245
1.240
1.235
1.230
1.225
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
5
4
3
2
1
0
JUNCTION TEMPERATURE (
°C)
-75 -50 -25
0
25
50
75 100 125 150 175
100
90
80
70
60
50
40
30
20
10
0
Note:
1. FAN1587A Only


Podobny numer części - FAN1587AMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581D15X FAIRCHILD-FAN1581D15X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581D25X FAIRCHILD-FAN1581D25X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581DX FAIRCHILD-FAN1581DX Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581M12X FAIRCHILD-FAN1581M12X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Podobny opis - FAN1587AMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085A UTC-UZ2085A Datasheet
216Kb / 5P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com