Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN1587AMX Arkusz danych(PDF) 11 Page - Fairchild Semiconductor

Numer części FAN1587AMX
Szczegółowy opis  3A Adjustable/Fixed Low Dropout Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1587AMX Arkusz danych(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN1587AMX Datasheet HTML 6Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 7Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 8Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 9Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 10Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 11Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 12Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 13Page - Fairchild Semiconductor FAN1587AMX Datasheet HTML 14Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PRODUCT SPECIFICATION
FAN1587A
REV. 1.0.5 11/10/03
11
Mechanical Dimensions (continued)
3-Lead TO-263 Center Cut Package
A
.160
.190
4.06
4.83
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b
.020
.036
0.51
0.91
b2
.049
.051
1.25
1.30
c2
.045
.055
1.14
1.40
D
.340
.380
8.64
9.65
.380
.405
9.65
10.29
.100 BSC
E
e
L
.575
.625
14.61
15.88
.090
.110
2.29
2.79
.050
.070
1.27
1.78
α
L1
L2
L3
.055
1.40
.017
.019
0.43
0.78
R
0
°
8
°
0
°
8
°
Notes:
1. Dimensions are exclusive of mold flash and metal burrs.
2. Standoff-height is measured from lead tip with ref. to Datum -B-.
3. Foot length is measured with ref. to Datum -A- with lead surface
(at inner R).
4. Dimensiuon exclusive of dambar protrusion or intrusion.
5. Formed leads to be planar with respect to one another at seating
place -C-.
2.54 BSC
E
@PKG/
@HEATSINK
D
L2
L3
A
-C-
L
c2
L1
R (2 PLCS)
-A-
-B-
E-PIN
b2
b
e


Podobny numer części - FAN1587AMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FAN1581 FAIRCHILD-FAN1581 Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581D15X FAIRCHILD-FAN1581D15X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581D25X FAIRCHILD-FAN1581D25X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581DX FAIRCHILD-FAN1581DX Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
FAN1581M12X FAIRCHILD-FAN1581M12X Datasheet
85Kb / 13P
   5A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results

Podobny opis - FAN1587AMX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_11 Datasheet
333Kb / 6P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1085 UTC-UZ1085_09 Datasheet
238Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
E-Tech Electronics LTD
UZ1085 ETL-UZ1085 Datasheet
330Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085_12 Datasheet
290Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_16 Datasheet
234Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085 UTC-UZ2085_V01 Datasheet
310Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ2085A UTC-UZ2085A Datasheet
216Kb / 5P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
FAN1582_0311 FAIRCHILD-FAN1582_0311 Datasheet
78Kb / 11P
   3A Adjustable/Fixed Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com