Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4970 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM4970
Szczegółowy opis  Audio Synchronized Color LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM4970 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM4970 Datasheet HTML 6Page - Texas Instruments LM4970 Datasheet HTML 7Page - Texas Instruments LM4970 Datasheet HTML 8Page - Texas Instruments LM4970 Datasheet HTML 9Page - Texas Instruments LM4970 Datasheet HTML 10Page - Texas Instruments LM4970 Datasheet HTML 11Page - Texas Instruments LM4970 Datasheet HTML 12Page - Texas Instruments LM4970 Datasheet HTML 13Page - Texas Instruments LM4970 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
LM4970
SNVS312D – JANUARY 2005 – REVISED MAY 2013
www.ti.com
Table 6. Current Select Register (continued)
Default
Data Bit
Bit Name
Condition
Function
Value
Programs the current drive of the LED3 driver. Current drive for LED3 is set
0
as follows:
CS4
ILED3_0
0
1
ILED3<1:0>
Current Drive Setting
00
0.66X
0
01
1X
CS5
ILED3_1
1
10
1.33X
1
11
2X
Table 7. Gain Select Register
Default
Data Bit
Bit Name
Condition
Function
Value
0
Programs the gain response of the midband audio synchronized filter which
GSO
MGAIN0
0
drives the LED2 PWM color LED driver for the midband audio frequencies.
1
Gain is set as follows:
0
Midband Filter Gain
GS1
MGAIN1
1
MGAIN<2:0>
1
0
000
minimum
001
low
GS2
MGAIN2
0
010
medium
1
011
high
100
maximum
Programs the audio gain of the input summing amplifier. Gain is set as
0
follows:
GS3
SGAIN0
0
1
SGAIN<2:0>
Input Signal Gain
0
000
–11dB
GS4
SGAIN1
1
1
001
–6.5dB
010
0dB
0
011
3.5dB
GS5
SGAIN2
0
100
6dB
1
101
10dB
110
12dB
I
2C COMPATIBLE INTERFACE
The LM4970 uses a serial bus which conforms to the I2C protocol to control the chip’s functions with two wires:
clock (SCL) and data (SDA). The clock line is uni-directional. The data line is bi-directional (open-collector) with a
pullup resistor (typically 10k
Ω). The maximum clock frequency specified by the I2C standard is 400kHz. In this
discussion, the master is the controlling microcontroller and the slave is the LM4970.
The I2C address for the LM4970 is determined using the ADR pin. The LM4970’s two possible I2C chip
addresses are of the form 111101X10 (binary), where X1 = 0, if ADR is logic low; and X1 = 1, if ADR is logic high.
If the I2C interface is used to address a number of chips in a system, the LM4970’s chip address can be changed
to avoid any possible address conflicts.
The bus format for the I2C interface is shown in Figure 14. The data is latched in on the rising edge of the clock.
The bus format diagram is broken up into six major sections:
The “start” signal is generated by lowering the data signal while the clock signal is high. The start signal will alert
all devices attached to the I2C bus to check the incoming address against their own address.
The 8-bit chip address is sent next, most significant bit first. Each address bit must be stable while the clock level
is high.
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4970


Podobny numer części - LM4970

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
   Audio Synchronized Color LED Driver
More results

Podobny opis - LM4970

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4970 NSC-LM4970 Datasheet
726Kb / 15P
   Audio Synchronized Color LED Driver
LP3950 NSC-LP3950 Datasheet
1Mb / 31P
   Color LED Driver with Audio Synchronizer
logo
Texas Instruments
LP3950 TI1-LP3950 Datasheet
1Mb / 38P
[Old version datasheet]   Color LED Driver with Audio Synchronizer
logo
Monolithic Power System...
EV3307-J-00A MPS-EV3307-J-00A Datasheet
448Kb / 6P
   Non-Synchronized White LED Driver Evaluation Board
logo
National Semiconductor ...
LP3952 NSC-LP3952 Datasheet
1Mb / 44P
   6-Channel Color LED Driver with Audio Synchronization
logo
Texas Instruments
LP3952 TI1-LP3952 Datasheet
1Mb / 46P
[Old version datasheet]   6-Channel Color LED Driver with Audio Synchronization
logo
Integrated Silicon Solu...
IS31FL3189 ISSI-IS31FL3189 Datasheet
434Kb / 17P
   AUDIO MODULATED LED DRIVER
logo
List of Unclassifed Man...
BU8770FV ETC-BU8770FV Datasheet
169Kb / 2P
   Intelligent three-color LED driver
logo
Bright Power Semiconduc...
BP5912A BPS-BP5912A Datasheet
226Kb / 2P
   Color Temperature Switch LED Driver
BP5912B BPS-BP5912B Datasheet
226Kb / 2P
   Color Temperature Switch LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com