Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM8S15 Arkusz danych(PDF) 1 Page - SUNMATE electronic Co., LTD

Numer części SM8S15
Szczegółowy opis  SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUNMATE [SUNMATE electronic Co., LTD]
Strona internetowa  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SM8S15 Arkusz danych(HTML) 1 Page - SUNMATE electronic Co., LTD

  SM8S15 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SM8S15 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SM8S15 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
SM8S10A/CA - SM8S43A/CA
POWER: 6600Wa t t s
VOLTAGE RANGE: 10- 43V
1 of 3
Peak pulse power dissipation with 10/1000µ
10/10,000µs waveform
PPPM
5200
W
D
8.0
W
Peak pulse current with a 10/1000µs waveform
(1)
IPPM
See Table 1
A
FSM
700
A
θJC
0.90
°C/W
J, TSTG
-55 to +175
°C
Notes: (1) Non-repetitive current pulse derated above TA=25°C
0.093(2.4)
0.116(3.0)
0.059(1.5)
0.098(2.5)
0.098(2.5)
0.138(3.5)
0.366(9.3)
0.343(8.7)
0.406(10.3)
0.382(9.7)
0.342(8.7)
0.327(8.3)
0.413(10.5)
0.374(9.5)
0.539(13.7)
0.524(13.3)
LEAD 2/METAL HEATSINK
0.020(0.5)
0.028(0.7)
0.016 (0.4) Min.
0.197(5.0)
0.185(4.7)
LEAD 1
0.628(16.0)
0.592(15.0)
Flammability Classification 94V-0
®
resistance for maximum heat dissipation
260°C for 10 seconds at terminals
Plated, solderable per MIL-STD-750, Method 2026
Heatsink is anode
Any
DO-218AB
Dimensions in
inches and (millimeters)
Features
Mechanical Data
www.sunmate.tw
!
!
!
!
!
Plastic package has Underwriters Laboratory
Ideally suited for load dump protection
High temperature stability due to unique oxide passiva-
!
tion and patented PAR construction
Integrally molded heatsink provides a very low thermal
Low leakage current at T J = 175°C
!
!
High temperature soldering guaranteed:
!
! Low forward voltage drop
Maximum Ratings @ T
A = 25°C unless otherwise specified
s waveform
6600
Peak forward surge current, 8.3ms single half sine-wave
I
Typical thermal resistance junction to case
R
Operating junction and storage temperature range
T
Steady state power dissipation
P
Symbol
Value
Unit
Characteristic
Case:
integrally mounted in the encapsulation
Terminals:
Polarity:
Mounting Position:
!
DO-218AB


Podobny numer części - SM8S15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM8S15 VISHAY-SM8S15 Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
logo
Shanghai Shunye Electro...
SM8S15 SHUNYE-SM8S15 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
SM8S15 VISHAY-SM8S15 Datasheet
115Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
logo
Shanghai Semitech Semic...
SM8S15 SEMITECH-SM8S15 Datasheet
204Kb / 4P
   Surface mount package
logo
Vishay Siliconix
SM8S15 VISHAY-SM8S15 Datasheet
97Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 20-Apr-11
More results

Podobny opis - SM8S15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com