Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74F2244N Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74F2244N
Szczegółowy opis  25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F2244N Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74F2244N Datasheet HTML 3Page - Texas Instruments SN74F2244N Datasheet HTML 4Page - Texas Instruments SN74F2244N Datasheet HTML 5Page - Texas Instruments SN74F2244N Datasheet HTML 6Page - Texas Instruments SN74F2244N Datasheet HTML 7Page - Texas Instruments SN74F2244N Datasheet HTML 8Page - Texas Instruments SN74F2244N Datasheet HTML 9Page - Texas Instruments SN74F2244N Datasheet HTML 10Page - Texas Instruments SN74F2244N Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
10.63
9.97
2.65 MAX
18X 1.27
20X 0.51
0.31
2X
11.43
TYP
0.33
0.10
0 - 8
0.3
0.1
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
13.0
12.6
B
7.6
7.4
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.43 mm per side.
5. Reference JEDEC registration MS-013.
1
20
0.25
C A B
11
10
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.200


Podobny numer części - SN74F2244N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74F2244DW TI-SN74F2244DW Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74F2244N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74F2244 TI-SN74F2244 Datasheet
79Kb / 5P
[Old version datasheet]   25-OHM OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI1-SN64BCT25244_15 Datasheet
136Kb / 8P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT25244 TI-SN64BCT25244 Datasheet
71Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74BCT25240 TI1-SN74BCT25240 Datasheet
96Kb / 6P
[Old version datasheet]   25-??OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com