Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74F2245DWR Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części SN74F2245DWR
Szczegółowy opis  25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F2245DWR Arkusz danych(HTML) 4 Page - Texas Instruments

  SN74F2245DWR Datasheet HTML 1Page - Texas Instruments SN74F2245DWR Datasheet HTML 2Page - Texas Instruments SN74F2245DWR Datasheet HTML 3Page - Texas Instruments SN74F2245DWR Datasheet HTML 4Page - Texas Instruments SN74F2245DWR Datasheet HTML 5Page - Texas Instruments SN74F2245DWR Datasheet HTML 6Page - Texas Instruments SN74F2245DWR Datasheet HTML 7Page - Texas Instruments SN74F2245DWR Datasheet HTML 8Page - Texas Instruments SN74F2245DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74F2245
25 Ω OCTAL BUS TRANSCEIVER
WITH 3STATE OUTPUTS
SDFS099 − MAY 1995
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
PARAMETER MEASUREMENT INFORMATION
From Output
Under Test
Test
Point
R1
CL
(see Note A)
LOAD CIRCUIT FOR
TOTEM-POLE OUTPUTS
LOAD CIRCUIT FOR
3-STATE AND OPEN-COLLECTOR OUTPUTS
R1
S1
7 V (tPZL, tPLZ)
Open
(all others)
From Output
Under Test
Test
Point
R2
CL
(see Note A)
RL = R1 = R2
1.5 V
1.5 V
1.5 V
3 V
3 V
0 V
0 V
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing Input
(see Note C)
Data Input
(see Note C)
1.5 V
1.5 V
3 V
3 V
0 V
0 V
High-Level
Pulse
(see Note C)
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATION
1.5 V
1.5 V
tPHL
tPLH
tPLH
tPHL
Input
(see Note C)
Out-of-Phase
Output
(see Note E)
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
VOL
VOH
VOH
VOL
In-Phase
Output
(see Note E)
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES (see Note D)
tPHZ
tPLZ
0.3 V
tPZL
tPZH
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0 V
Output
Control
(low-level enable)
Waveform 1
(see Notes B and E)
Waveform 2
(see Notes B and E)
0 V
VOH
VOL
3.5 V
0.3 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, tr = tf ≤ 2.5 ns, duty cycle = 50%.
D. When measuring propagation delay times of 3-state outputs, switch S1 is open.
E. The outputs are measured one at a time with one transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms


Podobny numer części - SN74F2245DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74F2245DB TI-SN74F2245DB Datasheet
84Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74F2245DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74F2245 TI-SN74F2245 Datasheet
84Kb / 5P
[Old version datasheet]   25-ohm OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74AC11245 TI-74AC11245 Datasheet
109Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN74LVC245A TI-SN74LVC245A Datasheet
601Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN64BCT245 TI1-SN64BCT245_16 Datasheet
413Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR2245A TI-SN74LVCR2245A_07 Datasheet
635Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH245 TI-SN74ALVCH245_07 Datasheet
408Kb / 14P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVCH245 TI-SN74AVCH245 Datasheet
168Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC245 TI-SN74AVC245 Datasheet
158Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ABT245B-EP TI1-SN74ABT245B-EP Datasheet
307Kb / 10P
[Old version datasheet]   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC245 UTC-U74LVC245 Datasheet
201Kb / 6P
   OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com