Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ALS29823DWR Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74ALS29823DWR
Szczegółowy opis  9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29823DWR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74ALS29823DWR Datasheet HTML 2Page - Texas Instruments SN74ALS29823DWR Datasheet HTML 3Page - Texas Instruments SN74ALS29823DWR Datasheet HTML 4Page - Texas Instruments SN74ALS29823DWR Datasheet HTML 5Page - Texas Instruments SN74ALS29823DWR Datasheet HTML 6Page - Texas Instruments SN74ALS29823DWR Datasheet HTML 7Page - Texas Instruments SN74ALS29823DWR Datasheet HTML 8Page - Texas Instruments SN74ALS29823DWR Datasheet HTML 9Page - Texas Instruments SN74ALS29823DWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN54ALS29823, SN74ALS29823
9-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SDAS146B – JANUARY 1986 – REVISED JANUARY 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
LOAD CIRCUIT
R1
1 k
All Diodes
1N916 or 1N3064
From Output
Under Test
Test Point
S2
CL
(see Note A)
RL = 180 Ω
1.5 V
1.5 V
1.5 V
3 V
3 V
0
0
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing Input
Data Input
1.5 V
1.5 V
3 V
3 V
0
0
High-Level
Pulse
Low-Level
Pulse
tw
VOLTAGE WAVEFORMS
PULSE DURATIONS
1.5 V
1.5 V
tPHL
tPLH
tPLH
tPHL
Out-of-Phase
Output
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0
VOL
VOH
VOH
VOL
In-Phase
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tPHZ
tPLZ
0.5 V
tPZL
tPZH
1.5 V
1.5 V
1.5 V
1.5 V
3 V
0
Output
Control
Waveform 1
(see Note B)
Waveform 2
(see Note B)
≈ 0
VOH
VOL
≈ 1.5 V
0.5 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES, 3-STATE OUTPUTS
VCC
S1
SWITCH POSITION TABLE
TEST
S1
S2
tPLH
tPHL
tPZH
tPZL
tPHZ
tPLZ
Closed
Closed
Open
Closed
Closed
Closed
Closed
Closed
Closed
Open
Closed
Closed
≈ 4.5 V
≈ 1.5 V
Input
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
Figure 1. Load Circuit and Voltage Waveforms


Podobny numer części - SN74ALS29823DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ALS29823DW TI-SN74ALS29823DW Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ALS29823DWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI1-SN54ABT823_15 Datasheet
664Kb / 18P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI1-SN54AS823A_15 Datasheet
273Kb / 12P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT823 TI-SN54ABT823 Datasheet
109Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29823 TI-SN54ALS29823 Datasheet
110Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16821 TI-SN54ABT16821 Datasheet
122Kb / 7P
[Old version datasheet]   20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29825 TI1-SN74ALS29825 Datasheet
70Kb / 9P
[Old version datasheet]   8-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com