Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AS181AN Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części SN74AS181AN
Szczegółowy opis  ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS181AN Arkusz danych(HTML) 2 Page - Texas Instruments

  SN74AS181AN Datasheet HTML 1Page - Texas Instruments SN74AS181AN Datasheet HTML 2Page - Texas Instruments SN74AS181AN Datasheet HTML 3Page - Texas Instruments SN74AS181AN Datasheet HTML 4Page - Texas Instruments SN74AS181AN Datasheet HTML 5Page - Texas Instruments SN74AS181AN Datasheet HTML 6Page - Texas Instruments SN74AS181AN Datasheet HTML 7Page - Texas Instruments SN74AS181AN Datasheet HTML 8Page - Texas Instruments SN74AS181AN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
SN54AS181B, SN74AS181A
ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SDAS209B – DECEMBER 1982 – REVISED DECEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The SN54AS181B and SN74AS181A also can be used as comparators. The A = B output is internally decoded
from the function (F0, F1, F2, F3) outputs so that when two words of equal magnitude are applied at the A and
B inputs, the output assumes a high level to indicate equality (A = B). The ALU must be in the subtract mode
with Cn = H when performing this comparison. The A = B output is open collector so that it can be wire-AND
connected to give a comparison for more than four bits. Cn + 4 also can be used to supply relative magnitude
information. The ALU must be placed in the subtract mode by placing the function-select inputs S3, S2, S1, and
S0 at L, H, H, and L, respectively.
INPUT
Cn
OUTPUT
Cn + 4
ACTIVE-LOW DATA
(Figure 1)
ACTIVE-HIGH DATA
(Figure 2)
H
H
A
≥ B
A
≤ B
H
L
A < B
A > B
L
H
A > B
A < B
L
L
A
≤ B
A
≥ B
These circuits not only incorporate all of the designer’s requirements for arithmetic operations, but also provide
16 possible functions of two Boolean variables without using external circuitry. These logic functions are
selected by the four function-select inputs with M at a high level to disable the internal carry. The 16 logic
functions are detailed in Tables 1 and 2 and include exclusive-OR, NAND, AND, NOR, and OR functions.
TYPICAL ADDITION TIME
(CL = 15 pF, RL = 280 Ω, TA = 25°C)
ADDITION
PACKAGE COUNT
NUMBER
OF BITS
TIME USING
′S181 AND
′S182
ALUs
LOOK-AHEAD
CARRY
GENERATORS
CARRY METHOD
BETWEEN ALUs
1 to 4
11 ns
1
None
5 to 8
18 ns
2
Ripple
9 to 16
19 ns
3 or 4
1
Full look ahead
17 to 64
28 ns
5 to 16
2 to 5
Full look ahead
The SN54AS181B is characterized for operation over the full military temperature range of – 55
°C to 125°C. The
SN74AS181A is characterized for operation from 0
°C to 70°C.
application note
An application-specific problem has been identified in the SN54AS181B device. The F0 – F4 outputs exhibit
voltage transients when one or more B-data inputs transition from a high to a low state. The resultant voltage
transients can have an amplitude of 2 V relative to VOL with a width of 5 ns at an input threshold of 1.5 V. The
transient pulse occurs coincidentally with the high-to-low transition of the B-data input(s) and appears to be
caused by internal coupling.
In system operations in which this device is used, it is likely that transmission-line effects minimize this anomaly.
Narrow width of the voltage transient makes the pulse transparent to most circuitry; however, in certain
applications, the transients can cause system errors.


Podobny numer części - SN74AS181AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AS181AN TI-SN74AS181AN Datasheet
231Kb / 13P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS181ANT TI-SN74AS181ANT Datasheet
231Kb / 13P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS181ANT TI-SN74AS181ANT Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS181ANW TI-SN74AS181ANW Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
More results

Podobny opis - SN74AS181AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54AS181B TI-SN54AS181B Datasheet
231Kb / 13P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS181 TI-SN54LS181 Datasheet
677Kb / 18P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN54LS381A TI-SN54LS381A Datasheet
376Kb / 9P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
MM54HC181 NSC-MM54HC181 Datasheet
158Kb / 10P
   Arithmetic Logic Units/Function Generators
logo
Texas Instruments
SN54LS181 TI1-SN54LS181_15 Datasheet
601Kb / 16P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
SN74AS881A TI-SN74AS881A Datasheet
1Mb / 21P
[Old version datasheet]   ARITHMETIC LOGIC UNITS/FUNCTION GENERATORS
logo
National Semiconductor ...
DM74181N NSC-DM74181N Datasheet
255Kb / 8P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
DM54S181 NSC-DM54S181 Datasheet
268Kb / 9P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATORS
logo
STMicroelectronics
M74HC181 STMICROELECTRONICS-M74HC181 Datasheet
212Kb / 13P
   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
logo
Texas Instruments
SN74F382 TI1-SN74F382 Datasheet
146Kb / 8P
[Old version datasheet]   ARITHMETIC LOGIC UNIT/FUNCTION GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17