Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CBT3345DW Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CBT3345DW
Szczegółowy opis  8-BIT FET BUS SWITCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBT3345DW Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button SN74CBT3345DW Datasheet HTML 7Page - Texas Instruments SN74CBT3345DW Datasheet HTML 8Page - Texas Instruments SN74CBT3345DW Datasheet HTML 9Page - Texas Instruments SN74CBT3345DW Datasheet HTML 10Page - Texas Instruments SN74CBT3345DW Datasheet HTML 11Page - Texas Instruments SN74CBT3345DW Datasheet HTML 12Page - Texas Instruments SN74CBT3345DW Datasheet HTML 13Page - Texas Instruments SN74CBT3345DW Datasheet HTML 14Page - Texas Instruments SN74CBT3345DW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
(9.3)
0.07 MAX
ALL AROUND
0.07 MIN
ALL AROUND
20X (2)
20X (0.6)
18X (1.27)
(R
)
TYP
0.05
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:6X
1
10
11
20
NOTES: (continued)
6. Publication IPC-7351 may have alternate designs.
7. Solder mask tolerances between and around signal pads can vary based on board fabrication site.
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
DEFINED
SOLDER MASK DETAILS
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED


Podobny numer części - SN74CBT3345DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBT3345DW TI-SN74CBT3345DW Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
More results

Podobny opis - SN74CBT3345DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBT3345 TI-SN74CBT3345 Datasheet
51Kb / 4P
[Old version datasheet]   8-BIT FET BUS SWITCH
SN74CB3T3245 TI1-SN74CB3T3245_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit FET Bus Switch
logo
Renesas Technology Corp
HD74CBT3345 RENESAS-HD74CBT3345 Datasheet
213Kb / 11P
   8-bit FET Bus Switch
logo
Texas Instruments
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT16245-Q1 TI1-SN74CBT16245-Q1 Datasheet
127Kb / 7P
[Old version datasheet]   16-BIT FET BUS SWITCH
SN74CBT16211A TI-SN74CBT16211A_07 Datasheet
452Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH
SN74CBT16210 TI-SN74CBT16210 Datasheet
66Kb / 4P
[Old version datasheet]   20-BIT FET BUS SWITCH
SN74CBT3861 TI-SN74CBT3861 Datasheet
258Kb / 10P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT3384A TI-SN74CBT3384A_06 Datasheet
296Kb / 12P
[Old version datasheet]   10-BIT FET BUS SWITCH
SN74CBT32245 TI-SN74CBT32245 Datasheet
260Kb / 8P
[Old version datasheet]   32-BIT FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com