Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC04D Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC04D
Szczegółowy opis  SNx4HC04 Hex Inverters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04D Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74HC04D Datasheet HTML 1Page - Texas Instruments SN74HC04D Datasheet HTML 2Page - Texas Instruments SN74HC04D Datasheet HTML 3Page - Texas Instruments SN74HC04D Datasheet HTML 4Page - Texas Instruments SN74HC04D Datasheet HTML 5Page - Texas Instruments SN74HC04D Datasheet HTML 6Page - Texas Instruments SN74HC04D Datasheet HTML 7Page - Texas Instruments SN74HC04D Datasheet HTML 8Page - Texas Instruments SN74HC04D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
A
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
SN54HC04, SN74HC04
SCLS078G – DECEMBER 1982 – REVISED SEPTEMBER 2015
SNx4HC04 Hex Inverters
1 Features
3 Description
The SNx4HC04 devices contain six independent
1
Wide Operating Voltage Range of 2 V to 6 V
inverters. They perform the Boolean function Y = A in
Outputs Can Drive up to 10 LSTTL Loads
positive logic.
Low Power Consumption, 20-µA Maximum ICC
Device Information(1)
Typical tpd = 8 ns
PART NUMBER
PACKAGE
BODY SIZE (NOM)
±4-mA Output Drive at 5 V
LCCC (20)
8.89 mm × 8.89 mm
Low Input Current of 1 µA Maximum
SN54HC04
CDIP (14)
19.56 mm × 6.67 mm
CFP (14)
9.21 mm × 5.97 mm
2 Applications
SOIC (14)
8.65 mm × 3.91 mm
Cameras
PDIP (14)
19.30 mm × 6.35 mm
E-Meters
SN74HC04
SOP (14)
10.3 mm × 5.3 mm
Ethernet Switches
TSSOP (14)
5.00 mm × 4.40 mm
Infotainment
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - SN74HC04D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC04D TI-SN74HC04D Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74HC04D TI1-SN74HC04D Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04DB TI-SN74HC04DB Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74HC04DBR TI1-SN74HC04DBR Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
SN74HC04DBRE4 TI1-SN74HC04DBRE4 Datasheet
1Mb / 21P
[Old version datasheet]   HEX INVERTERS
More results

Podobny opis - SN74HC04D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC04-SP TI-SN54HC04-SP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com