Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC08DTE4 Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC08DTE4
Szczegółowy opis  SNx4HC08 Quadruple 2-Input Positive-AND Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC08DTE4 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74HC08DTE4 Datasheet HTML 5Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 6Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 7Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 8Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 9Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 10Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 11Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 12Page - Texas Instruments SN74HC08DTE4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
A
B
Y
Copyright © 2016, Texas Instruments Incorporated
9
SN54HC08, SN74HC08
www.ti.com
SCLS081G – DECEMBER 1982 – REVISED JUNE 2016
Product Folder Links: SN54HC08 SN74HC08
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SNx4HC08 contains quadruple 2-input positive AND gate device and performs the Boolean function
Y = A
● B. This device is useful when multiple AND functions are used in the system.
8.2 Functional Block Diagram
Figure 3. Logic Diagram (Positive Logic)
8.3 Feature Description
The device can operate from 2 V to 6 V, allowing a wide operating voltage.
The device has low power consumption (20-µA maximum ICC).
8.4 Device Functional Modes
Table 1 lists the functional modes for the SN54HC08 and SN74HC08 devices.
Table 1. Function Table (Each Inverter)
INPUTS
OUTPUT
A
B
Y
H
H
H
L
X
L
X
L
L


Podobny numer części - SN74HC08DTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC08DTE4 TI-SN74HC08DTE4 Datasheet
568Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Podobny opis - SN74HC08DTE4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com