Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC02PWR Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC02PWR
Szczegółowy opis  SNx4HC02 Quadruple 2-Input Positive-NOR Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC02PWR Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74HC02PWR Datasheet HTML 2Page - Texas Instruments SN74HC02PWR Datasheet HTML 3Page - Texas Instruments SN74HC02PWR Datasheet HTML 4Page - Texas Instruments SN74HC02PWR Datasheet HTML 5Page - Texas Instruments SN74HC02PWR Datasheet HTML 6Page - Texas Instruments SN74HC02PWR Datasheet HTML 7Page - Texas Instruments SN74HC02PWR Datasheet HTML 8Page - Texas Instruments SN74HC02PWR Datasheet HTML 9Page - Texas Instruments SN74HC02PWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Vcc
0
10
20
40
60
70
80
2
4
5
6
TA = 25
oC
CL = 50 pF
6
SN54HC02, SN74HC02
SCLS076F – DECEMBER 1982 – REVISED APRIL 2015
www.ti.com
Product Folder Links: SN54HC02 SN74HC02
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
6.7 Switching Characteristics
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA
MIN
TYP
MAX
UNIT
tpd
A or B
Y
2 V
TA = 25°C
45
90
ns
SN54HC02
135
SN74HC02
115
4.5 V
TA = 25°C
9
18
SN54HC02
27
SN74HC02
23
6 V
TA = 25°C
8
15
SN54HC02
23
SN74HC02
20
tt
A or B
Y
2 V
TA = 25°C
38
75
ns
SN54HC02
110
SN74HC02
95
4.5 V
TA = 25°C
8
15
SN54HC02
22
SN74HC02
19
6 V
TA = 25°C
6
13
SN54HC02
19
SN74HC02
16
6.8 Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
No load
22
pF
6.9 Typical Characteristics
Figure 1. tt vs VCC


Podobny numer części - SN74HC02PWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC02PWR TI-SN74HC02PWR Datasheet
525Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02PWR TI-SN74HC02PWR Datasheet
491Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02PWR TI-SN74HC02PWR Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02PWR TI-SN74HC02PWR Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN74HC02PWRE4 TI-SN74HC02PWRE4 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results

Podobny opis - SN74HC02PWR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hitachi Semiconductor
HD74LS02 HITACHI-HD74LS02 Datasheet
43Kb / 5P
   Quadruple 2-input Positive NOR Gates
logo
Texas Instruments
SN54F36 TI-SN54F36 Datasheet
142Kb / 4P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54ALS02A TI-SN54ALS02A_08 Datasheet
665Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHC02 TI-SN54AHC02 Datasheet
86Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02 Datasheet
83Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCC02 TI-SN54AHCC02 Datasheet
624Kb / 18P
[Old version datasheet]   QUADRUPLE 2 - INPUT POSITIVE - NOR GATES
SN54HC02 TI-SN54HC02_07 Datasheet
661Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54AHCT02 TI-SN54AHCT02_08 Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN54HC02 TI-SN54HC02_09 Datasheet
700Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
SN5402 TI-SN5402_07 Datasheet
968Kb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NOR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com