Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB03-483.3S Arkusz danych(PDF) 1 Page - Astrodyne Corporation

Numer części SB03-483.3S
Szczegółowy opis  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB03-483.3S Arkusz danych(HTML) 1 Page - Astrodyne Corporation

  SB03-483.3S Datasheet HTML 1Page - Astrodyne Corporation SB03-483.3S Datasheet HTML 2Page - Astrodyne Corporation SB03-483.3S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
5 Sided EMI Shielding
Regulated Outputs
1600V Isolation
Short Circuit Protection
4:1 Input Range
Input PI Filter
Model Number
Output Voltage
Output Amps
Input Range
SINGLE OUTPUT
SB03-123.3S
3.3VDC
0.9
9-36 VDC
SB03-483.3S
0.9
18-72 VDC
SB03-125S
5 VDC
0.66
9-36 VDC
SB03-485S
0.66
18-72 VDC
SB03-1212S
12 VDC
0.33
9-36 VDC
SB03-4812S
0.33
18-72 VDC
SB03-1215S
15 VDC
0.267
9-36 VDC
SB03-4815S
0.267
18-72 VDC
SB03-1224S
24VDC
0.166
9-36 VDC
SB03-4824S
0.166
18-72 VDC
DUAL OUTPUT
SB03-125D
+/-5 VDC
+/-0.300
9-36 VDC
SB03-485D
+/-0.300
18-72 VDC
SB03-1212D
+/-12 VDC
+/-0.166
9-36 VDC
SB03-4812D
+/-0.166
18-72 VDC
SB03-1215D
+/-15 VDC
+/-0.133
9-36 VDC
SB03-4815D
+/-0.133
18-72 VDC
Unit measures 0.8”W x 1.25”L x 0.4”H


Podobny numer części - SB03-483.3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
SB03-483.3S ASTRODYNE-SB03-483.3S Datasheet
175Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Podobny opis - SB03-483.3S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03 Datasheet
224Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03 Datasheet
175Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
VKC03 ETC2-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD03 ASTRODYNE-ASD03 Datasheet
737Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD03 ASTRODYNE-ASD03_16 Datasheet
186Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
PMKC03 ASTRODYNE-PMKC03 Datasheet
155Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com