Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB03-485S Arkusz danych(PDF) 3 Page - Astrodyne Corporation

Numer części SB03-485S
Szczegółowy opis  Isolated and Regulated 3 WATT Modular DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ASTRODYNE [Astrodyne Corporation]
Strona internetowa  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

SB03-485S Arkusz danych(HTML) 3 Page - Astrodyne Corporation

  SB03-485S Datasheet HTML 1Page - Astrodyne Corporation SB03-485S Datasheet HTML 2Page - Astrodyne Corporation SB03-485S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 series
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Pin #
Single Outputs Dual Outputs
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
Common
10
NC
No Pin
11
NC
- Output
14
+ Output
+ Output
15
NC
No Pin
16
- Output
Common
22
+Vin
+Vin
23
+Vin
+Vin
MECHANICAL DIMENSIONS
ALL DIMENSIONS IN mm
PIN PITCH TOLERANCE +/- 0.35mm
OUTPUT DERATING CURVE


Podobny numer części - SB03-485S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
SB03-485S ASTRODYNE-SB03-485S Datasheet
175Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
More results

Podobny opis - SB03-485S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Astrodyne Corporation
MKC03 ASTRODYNE-MKC03_16 Datasheet
157Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03_16 Datasheet
143Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
MKC03 ASTRODYNE-MKC03 Datasheet
224Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
SB03 ASTRODYNE-SB03 Datasheet
175Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
List of Unclassifed Man...
VKC03 ETC2-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
logo
Astrodyne Corporation
ASD03 ASTRODYNE-ASD03 Datasheet
737Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD03 ASTRODYNE-ASD03_16 Datasheet
186Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
VKC03 ASTRODYNE-VKC03 Datasheet
272Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
PMKC03 ASTRODYNE-PMKC03 Datasheet
155Kb / 3P
   Isolated and Regulated 3 WATT Modular DC/DC Converters
ASD30 ASTRODYNE-ASD30 Datasheet
462Kb / 3P
   Isolated and Regulated 30 WATT Modular DC/DC Converters
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com