Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST16C452IJ68 Arkusz danych(PDF) 11 Page - Exar Corporation

Numer części ST16C452IJ68
Szczegółowy opis  DUAL UART WITH PARALLEL PRINTER PORT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  EXAR [Exar Corporation]
Strona internetowa  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C452IJ68 Arkusz danych(HTML) 11 Page - Exar Corporation

Back Button ST16C452IJ68 Datasheet HTML 7Page - Exar Corporation ST16C452IJ68 Datasheet HTML 8Page - Exar Corporation ST16C452IJ68 Datasheet HTML 9Page - Exar Corporation ST16C452IJ68 Datasheet HTML 10Page - Exar Corporation ST16C452IJ68 Datasheet HTML 11Page - Exar Corporation ST16C452IJ68 Datasheet HTML 12Page - Exar Corporation ST16C452IJ68 Datasheet HTML 13Page - Exar Corporation ST16C452IJ68 Datasheet HTML 14Page - Exar Corporation ST16C452IJ68 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
11
ST16C452/452PS
Rev. 3.20
available at the user data interface, D0-D7. The user
optionally compares the received data to the initial
transmitted data for verifying error free operation of
the UART TX/RX circuits.
In this mode, the receiver and transmitter interrupts
are fully operational. The Modem Control Interrupts are
also operational. However, the interrupts can only be
read using lower four bits of the Modem Control Register
(MCR bits 0-3) instead of the four Modem Status
Register bits 4-7. The interrupts are still controlled by
the IER.
Figure 6, INTERNAL LOOP-BACK MODE DIAGRAM
D0-D7
-IOR
-IOW
-RESET
BIDEN
A0-A2
-CSA
-CSB
-CSP
INT A,B
INTP
TX A,B
RX A,B
Transmit
Holding
Registers
Transmit
Shift
Register
Receive
Holding
Registers
Receive
Shift
Register
Clock
&
Baud Rate
Generator
Printer
Data
Ports
PD0-PD7
Printer
Control
Logic
-STROBE
INIT
-AUTOFDX
-SELCTIN
PE, SELECT
-BUSY, -ACK
ERROR
-CTS
-RTS
-DTR
-DSR
-RI
-CD
(-OP1)
(-OP2)


Podobny numer części - ST16C452IJ68

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C452IJ68 EXAR-ST16C452IJ68 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452IJ68PS EXAR-ST16C452IJ68PS Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

Podobny opis - ST16C452IJ68

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
List of Unclassifed Man...
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
Texas Instruments
TL16PIR552 TI-TL16PIR552 Datasheet
699Kb / 52P
[Old version datasheet]   DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com