Zakładka z wyszukiwarką danych komponentów |
|
SN74HC153PWT Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
SN74HC153PWT Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 21 page SN54HC153, SN74HC153 DUAL 4LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS SCLS112D − DECEMBER 1982 − REVISED OCTOBER 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D Wide Operating Voltage Range of 2 V to 6 V D Outputs Can Drive Up To 15 LSTTL Loads D Low Power Consumption, 80-µA Max ICC D Typical tpd = 9 ns D ±6-mA Output Drive at 5 V D Low Input Current of 1 µA Max D Permit Multiplexing from n Lines to One Line D Perform Parallel-to-Serial Conversion D Strobe (Enable) Line Provided for Cascading (N Lines to n Lines) SN54HC153 ...J OR W PACKAGE SN74HC153 . . . D, N, NS, OR PW PACKAGE (TOP VIEW) SN54HC153 . . . FK PACKAGE (TOP VIEW) NC − No internal connection 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 1G B 1C3 1C2 1C1 1C0 1Y GND VCC 2G A 2C3 2C2 2C1 2C0 2Y 32 1 20 19 910 11 1213 4 5 6 7 8 18 17 16 15 14 A 2C3 NC 2C2 2C1 1C3 1C2 NC 1C1 1C0 description/ordering information Each of these data selectors/multiplexers contains inverters and drivers to supply full binary decoding data selection to the AND-OR gates. Separate strobe (G) inputs are provided for each of the two 4-line sections. ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP − N Tube of 25 SN74HC153N SN74HC153N Tube of 40 SN74HC153D SOIC − D Reel of 2500 SN74HC153DR HC153 −40 °C to 85°C SOIC − D Reel of 250 SN74HC153DT HC153 −40 °C to 85°C SOP − NS Reel of 2000 SN74HC153NSR HC153 Tube of 90 SN74HC153PW TSSOP − PW Reel of 2000 SN74HC153PWR HC153 TSSOP − PW Reel of 250 SN74HC153PWT HC153 CDIP − J Tube of 25 SNJ54HC153J SNJ54HC153J −55 °C to 125°C CFP − W Tube of 150 SNJ54HC153W SNJ54HC153W −55 C to 125 C LCCC − FK Tube of 55 SNJ54HC153FK SNJ54HC153FK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. On products compliant to MILPRF38535, all parameters are tested unless otherwise noted. On all other products, production processing does not necessarily include testing of all parameters. |
Podobny numer części - SN74HC153PWT |
|
Podobny opis - SN74HC153PWT |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |