Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC273NS Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części SN74HC273NS
Szczegółowy opis  Octal D-Type Flip-Flops With Clear
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC273NS Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74HC273NS Datasheet HTML 1Page - Texas Instruments SN74HC273NS Datasheet HTML 2Page - Texas Instruments SN74HC273NS Datasheet HTML 3Page - Texas Instruments SN74HC273NS Datasheet HTML 4Page - Texas Instruments SN74HC273NS Datasheet HTML 5Page - Texas Instruments SN74HC273NS Datasheet HTML 6Page - Texas Instruments SN74HC273NS Datasheet HTML 7Page - Texas Instruments SN74HC273NS Datasheet HTML 8Page - Texas Instruments SN74HC273NS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
SN54HC273, SN74HC273
www.ti.com
SCLS136E – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC273 SN74HC273
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see Semiconductor and IC Package Thermal Metrics.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
6.4 Thermal Information
THERMAL METRIC(1)
SN74HC273
UNIT
DB
(SSOP)
DW
(SOIC)
N
(PDIP)
NS
(SO)
PW
(TSSOP)
20 PINS
20 PINS
20 PINS
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance(2)
90.3
77.4
45.1
72.6
98.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
51.7
42.8
31.1
38.9
33.3
°C/W
RθJB
Junction-to-board thermal resistance
45.5
45.2
26
40.1
49.3
°C/W
ψJT
Junction-to-top characterization parameter
17.7
16.7
16.6
15.7
2
°C/W
ψJB
Junction-to-board characterization parameter
45.1
44.7
25.9
39.7
48.7
°C/W
6.5 Electrical Characteristics
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
1.998
V
VCC = 4.5 V
4.4
4.499
VCC = 6 V
5.9
5.999
IOH = –4 mA, VCC = 4.5 V
3.98
4.3
IOH = –5.2 mA, VCC = 6 V
5.48
5.8
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.002
0.1
V
VCC = 4.5 V
0.001
0.1
VCC = 6 V
0.001
0.1
IOL = 4 mA, VCC = 4.5 V
0.17
0.26
IOL = 5.2 mA, VCC = 6 V
0.15
0.26
II
VI = VCC or 0, VCC = 6 V
±0.1
±100
nA
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
8
µA
Ci
VCC = 2 V to 6 V
3
10
pF
6.6 Electrical Characteristics – SN54HC273
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
V
VCC = 4.5 V
4.4
VCC = 6 V
5.9
IOH = –4 mA, VCC = 4.5 V
3.7
IOH = –5.2 mA, VCC = 6 V
5.2
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.1
V
VCC = 4.5 V
0.1
VCC = 6 V
0.1
IOL = 4 mA, VCC = 4.5 V
0.4
IOL = 5.2 mA, VCC = V
0.4
II
VI = VCC or 0, VCC = 6 V
±1000
nA
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
160
µA
Ci
VCC = 2 V to 6 V
10
pF


Podobny numer części - SN74HC273NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC273NSR TI-SN74HC273NSR Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273NSR TI-SN74HC273NSR Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273NSRG4 TI-SN74HC273NSRG4 Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

Podobny opis - SN74HC273NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com