Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC273N Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC273N
Szczegółowy opis  Octal D-Type Flip-Flops With Clear
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC273N Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74HC273N Datasheet HTML 2Page - Texas Instruments SN74HC273N Datasheet HTML 3Page - Texas Instruments SN74HC273N Datasheet HTML 4Page - Texas Instruments SN74HC273N Datasheet HTML 5Page - Texas Instruments SN74HC273N Datasheet HTML 6Page - Texas Instruments SN74HC273N Datasheet HTML 7Page - Texas Instruments SN74HC273N Datasheet HTML 8Page - Texas Instruments SN74HC273N Datasheet HTML 9Page - Texas Instruments SN74HC273N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
SN54HC273, SN74HC273
SCLS136E – DECEMBER 1982 – REVISED JULY 2016
www.ti.com
Product Folder Links: SN54HC273 SN74HC273
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
6.7 Electrical Characteristics – SN74HC273
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
V
VCC = 4.5 V
4.4
VCC = 6 V
5.9
IOH = –4 mA, VCC = 4.5 V
3.84
IOH = –5.2 mA, VCC = 6 V
5.34
VOL
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.1
V
VCC = 4.5 V
0.1
VCC = 6 V
0.1
IOL = 4 mA, VCC = 4.5 V
0.33
IOL = 5.2 mA, VCC = 6 V
0.33
II
VI = VCC or 0, VCC = 6 V
±1000
nA
ICC
VI = VCC or 0, IO = 0, VCC = 6 V
80
µA
Ci
VCC = 2 V to 6 V
10
pF
6.8 Timing Requirements
TA = 25°C (unless otherwise noted)
MIN
MAX
UNIT
fclock
Clock frequency
VCC = 2 V
5
MHz
VCC = 4.5 V
27
VCC = 6 V
32
tw
Pulse duration
CLR low
VCC = 2 V
80
ns
VCC = 4.5 V
16
VCC = 6 V
14
CLK high or low
VCC = 2 V
80
VCC = 4.5 V
16
VCC = 6 V
14
tsu
Setup time before CLK
Data
VCC = 2 V
100
ns
VCC = 4.5 V
20
VCC = 6 V
17
CLR inactive
VCC = 2 V
100
VCC = 4.5 V
20
VCC = 6 V
17
th
Hold time, data after CLK
VCC = 2 V
0
ns
VCC = 4.5 V
0
VCC = 6 V
0


Podobny numer części - SN74HC273N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC273N TI-SN74HC273N Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273N TI-SN74HC273N Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273N3 TI-SN74HC273N3 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273N3 TI-SN74HC273N3 Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74HC273NE4 TI-SN74HC273NE4 Datasheet
741Kb / 20P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results

Podobny opis - SN74HC273N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54ALS273 TI-SN54ALS273 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
1446753 TI-1446753 Datasheet
592Kb / 16P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN74ALS273NSR TI-SN74ALS273NSR Datasheet
831Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI1-SN54AHC273_15 Datasheet
1Mb / 30P
[Old version datasheet]   Octal D-Type Flip-Flops With Clear
logo
Renesas Technology Corp
HD74HC273 RENESAS-HD74HC273 Datasheet
71Kb / 10P
   Octal D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54LV273 TI1-SN54LV273_08 Datasheet
158Kb / 8P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54HC273 TI-SN54HC273 Datasheet
557Kb / 18P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC273 FAIRCHILD-MM74HC273 Datasheet
95Kb / 7P
   Octal D-Type Flip-Flops with Clear
logo
Texas Instruments
SN54LV273 TI-SN54LV273 Datasheet
137Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHC273 TI-SN54AHC273_08 Datasheet
835Kb / 21P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com