Zakładka z wyszukiwarką danych komponentów |
|
SN74HC273DWE4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
SN74HC273DWE4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 32 page VOLTAGE WAVEFORMS SETUP AND HOLD AND INPUT RISE AND FALL TIMES VOLTAGE WAVEFORMS PULSE DURATIONS th tsu 50% 50% 50% 10% 10% 90% 90% VCC VCC 0 V 0 V tr tf Reference Input Data Input 50% High-Level Pulse 50% VCC 0 V 50% 50% VCC 0 V tw Low-Level Pulse VOLTAGE WAVEFORMS PROPAGATION DELAY AND OUTPUT TRANSITION TIMES 50% 50% 50% 10% 10% 90% 90% VCC VOH VOL 0 V tr tf Input In-Phase Output 50% tPLH tPHL 50% 50% 10% 10% 90% 90% VOH VOL tr tf tPHL tPLH Out-of-Phase Output NOTES: A. CL includes probe and test-fixture capacitance. B. Phase relationships between waveforms were chosen arbitrarily. All input pulses are supplied by generators having the following characteristics: PRR ≤ 1 MHz, ZO = 50 Ω, tr = 6 ns, tf = 6 ns. C. For clock inputs, fmax is measured when the input duty cycle is 50%. D. The outputs are measured one at a time with one input transition per measurement. E. tPLH and tPHL are the same as tpd. Test Point From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT 10 SN54HC273, SN74HC273 SCLS136E – DECEMBER 1982 – REVISED JULY 2016 www.ti.com Product Folder Links: SN54HC273 SN74HC273 Submit Documentation Feedback Copyright © 1982–2016, Texas Instruments Incorporated 7 Parameter Measurement Information Figure 2. Load Circuit and Voltage Waveforms |
Podobny numer części - SN74HC273DWE4 |
|
Podobny opis - SN74HC273DWE4 |