Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74HC151N Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74HC151N
Szczegółowy opis  8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC151N Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74HC151N Datasheet HTML 1Page - Texas Instruments SN74HC151N Datasheet HTML 2Page - Texas Instruments SN74HC151N Datasheet HTML 3Page - Texas Instruments SN74HC151N Datasheet HTML 4Page - Texas Instruments SN74HC151N Datasheet HTML 5Page - Texas Instruments SN74HC151N Datasheet HTML 6Page - Texas Instruments SN74HC151N Datasheet HTML 7Page - Texas Instruments SN74HC151N Datasheet HTML 8Page - Texas Instruments SN74HC151N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SN54HC151, SN74HC151
8LINE TO 1LINE DATA SELECTORS/MULTIPLEXERS
SCLS110E − DECEMBER 1982 − REVISED SEPTEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
SN54HC151
SN74HC151
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
1.998
1.9
1.9
IOH = −20 µA
4.5 V
4.4
4.499
4.4
4.4
VOH
VI = VIH or VIL
IOH = −20 µA
6 V
5.9
5.999
5.9
5.9
V
VOH
VI = VIH or VIL
IOH = −6 mA
4.5 V
3.98
4.3
3.7
3.84
V
IOH = −7.8 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 µA
4.5 V
0.001
0.1
0.1
0.1
VOL
VI = VIH or VIL
IOL = 20 µA
6 V
0.001
0.1
0.1
0.1
V
VOL
VI = VIH or VIL
IOL = 6 mA
4.5 V
0.17
0.26
0.4
0.33
V
IOL = 7.8 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0,
IO = 0
6 V
8
160
80
µA
Ci
2 V to 6 V
3
10
10
10
pF
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC151
SN74HC151
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
94
250
360
312
A, B, or C
Y or W
4.5 V
30
50
73
63
A, B, or C
Y or W
6 V
25
43
62
54
2 V
74
195
283
244
tpd
Any D
Y or W
4.5 V
23
39
57
49
ns
tpd
Any D
Y or W
6 V
20
33
48
41
ns
2 V
49
127
185
159
G
Y or W
4.5 V
15
25
37
32
G
Y or W
6 V
13
22
32
28
2 V
22
75
110
95
tt
Y or W
4.5 V
9
15
22
19
ns
tt
Y or W
6 V
8
13
19
16
ns


Podobny numer części - SN74HC151N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74HC151N TI-SN74HC151N Datasheet
450Kb / 15P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74HC151NE4 TI-SN74HC151NE4 Datasheet
450Kb / 15P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74HC151NSR TI-SN74HC151NSR Datasheet
450Kb / 15P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74HC151NSRE4 TI-SN74HC151NSRE4 Datasheet
450Kb / 15P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results

Podobny opis - SN74HC151N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD54ACT151 TI-CD54ACT151 Datasheet
245Kb / 5P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
CD54ACT151 TI1-CD54ACT151_14 Datasheet
806Kb / 13P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54HC151 TI-SN54HC151 Datasheet
450Kb / 15P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LS356 TI-SN74LS356 Datasheet
334Kb / 10P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS/REGISTERS
SN54LV157A TI-SN54LV157A Datasheet
503Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN74LV157A TI-SN74LV157A_08 Datasheet
533Kb / 17P
[Old version datasheet]   QUADRUPLE-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54ALS352 TI-SN54ALS352 Datasheet
94Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
National Semiconductor ...
54157 NSC-54157 Datasheet
118Kb / 6P
   Quad 2-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
SN74S257J TI1-SN74S257J Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
SN54153 TI1-SN54153_15 Datasheet
1Mb / 19P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com