Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G125DBVTG4 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części 74LVC1G125DBVTG4
Szczegółowy opis  SN74LVC1G125 Single Bus Buffer Gate With 3-State Output
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G125DBVTG4 Arkusz danych(HTML) 3 Page - Texas Instruments

  74LVC1G125DBVTG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G125DBVTG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G125DBVTG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G125DBVTG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G125DBVTG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G125DBVTG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G125DBVTG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G125DBVTG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G125DBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
DBV PACKAGE
(TOP VIEW)
2
5
3
4
Y
1
A
GND
OE
V
CC
DCK PACKAGE
(TOP VIEW)
3
4
2
Y
1
GND
A
OE
5
V
CC
DRL PACKAGE
(TOP VIEW)
2
A
1
OE
3
4
GND
Y
5
V
CC
DRY PACKAGE
(TOP VIEW)
A
N.C.
OE
6
5
4
2
3
GND
Y
V
CC
1
YZP PACKAGE
(BOTTOM VIEW)
2
A
1
OE
GND
4
3
Y
5
V
CC
A1
B1
C1
A2
C2
OE
GND
DSF PACKAGE
(TOP VIEW)
A
V
CC
Y
N.C.
6
5
4
2
3
1
1
5
2
3
A
GND
Y
V
CC
DPW PACKAGE
(TOP VIEW)
OE
4
SN74LVC1G125
www.ti.com
SCES223T – APRIL 1999 – REVISED OCTOBER 2014
6 Pin Configuration and Functions
N.C. – No internal connection
See mechanical drawings for dimensions.
Pin Functions
PIN
DESCRIPTION
DRL, DCK,
NAME
DRY, DSF
DPW
YZP
DBV
OE
1
1
1
A1
Input
A
2
2
2
B1
Input
GND
3
3
3
C1
Ground
Y
4
4
4
C2
Output
VCC
5
6
5
A2
Power pin
NC
5
Not connected
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LVC1G125


Podobny numer części - 74LVC1G125DBVTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVC1G125DBVTG4 TI-74LVC1G125DBVTG4 Datasheet
630Kb / 18P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DBVTG4 TI-74LVC1G125DBVTG4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DBVTG4 TI-74LVC1G125DBVTG4 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
74LVC1G125DBVTG4 TI1-74LVC1G125DBVTG4 Datasheet
2Mb / 43P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
More results

Podobny opis - 74LVC1G125DBVTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G125-Q1 TI1-SN74LVC1G125-Q1_V01 Datasheet
1,019Kb / 23P
[Old version datasheet]   SN74LVC1G125-Q1 Single-BUS buffer gate with 3-state output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125 TI-SN74LVC1G125_10 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
158Kb / 1P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G125_101 TI-SN74LVC1G125_101 Datasheet
738Kb / 19P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125 Datasheet
217Kb / 6P
   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
logo
Texas Instruments
SN74LVC1G126-Q1 TI-SN74LVC1G126-Q1_08 Datasheet
762Kb / 12P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74LVC1G126 TI1-SN74LVC1G126_16 Datasheet
1Mb / 30P
[Old version datasheet]   Single Bus Buffer Gate With 3-State Output
SN74AUC1G125 TI-SN74AUC1G125 Datasheet
318Kb / 13P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AHCT1G125-Q1 TI1-SN74AHCT1G125-Q1 Datasheet
234Kb / 10P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com