Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1G34DSF Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SN74LVC1G34DSF
Szczegółowy opis  SN74LVC1G34 Single Buffer Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G34DSF Arkusz danych(HTML) 1 Page - Texas Instruments

  SN74LVC1G34DSF Datasheet HTML 1Page - Texas Instruments SN74LVC1G34DSF Datasheet HTML 2Page - Texas Instruments SN74LVC1G34DSF Datasheet HTML 3Page - Texas Instruments SN74LVC1G34DSF Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DSF Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DSF Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DSF Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DSF Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DSF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
A
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1G34
SCES519M – DECEMBER 2003 – REVISED APRIL 2016
SN74LVC1G34 Single Buffer Gate
1
1 Features
1
Available in the Ultra Small 0.64-mm2
Package (DPW) with 0.5-mm Pitch
Supports 5-V VCC Operation
Inputs Accept Voltages to 5.5 V
Provides Down Translation to VCC
Max tpd of 3.5 ns at 3.3 V
Low Power Consumption, 1-
μA Max ICC
±24-mA Output Drive at 3.3 V
Ioff Supports Live Insertion, Partial Power Down
Mode, and Back Drive Protection
Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
200-V Machine Model (A115-A)
1000-V Charged-Device Model (C101)
2 Applications
AV Receiver
Audio Dock: Portable
Blu-ray Player and Home Theater
DVD Recorder and Player
Embedded PC
MP3 Player/Recorder (Portable Audio)
Personal Digital Assistant (PDA)
Power: Telecom/Server AC/DC Supply: Single
Controller: Analog and Digital
Solid State Drive (SSD): Client and Enterprise
TV: LCD/Digital and High-Definition (HDTV)
Tablet: Enterprise
Video Analytics: Server
Wireless Headset, Keyboard, and Mouse
3 Description
This single buffer gate is designed for 1.65-V to 5.5-V
VCC operation.
The SN74LVC1G34 device performs the Boolean
function Y = A in positive logic.
The CMOS device has high output drive while
maintaining low static power dissipation over a broad
VCC Operating range.
The SN74LVC1G34 is available in a variety of
packages, including the ultra-small DPW package
with a body size of 0.8 mm × 0.8 mm.
Device Information(1)
DEVICE NAME
PACKAGE (PINS)
BODY SIZE
SN74LVC1G34YFP
DSBGA (4)
0.76 mm × 0.76 mm
SN74LVC1G34YZP
DSBGA (5)
1.38 mm × 0.88 mm
SN74LVC1G34YZV
DSBGA (4)
0.88 mm × 0.88 mm
SN74LVC1G34DPW
X2SON (5)
0.80 mm × 0.80 mm
SN74LVC1G34DBV
SOT-23 (5)
2.90 mm × 2.80 mm
SN74LVC1G34DCK
SC70 (5)
2.00 mm × 2.10 mm
SN74LVC1G34DRL
SOT (5)
1.60 mm × 1.60 mm
SN74LVC1G34DRY
SON (6)
1.45 mm ×1.00 mm
SN74LVC1G34DSF
SON(6)
1.00 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
4 Simplified Schematic


Podobny numer części - SN74LVC1G34DSF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G34DBVR TI-SN74LVC1G34DBVR Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
SN74LVC1G34DBVR TI-SN74LVC1G34DBVR Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Guangdong Youtai Semico...
SN74LVC1G34DBVR UMW-SN74LVC1G34DBVR Datasheet
1Mb / 9P
   Tiny SC70-5, SOT23-5 and DFN6-1.0mm*1.5mm Packages
logo
Texas Instruments
SN74LVC1G34DBVRE4 TI-SN74LVC1G34DBVRE4 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
SN74LVC1G34DBVRE4 TI-SN74LVC1G34DBVRE4 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
More results

Podobny opis - SN74LVC1G34DSF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
   SINGLE BUFFER GATE
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com