Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVC1G34DBVTG4 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74LVC1G34DBVTG4
Szczegółowy opis  SN74LVC1G34 Single Buffer Gate
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G34DBVTG4 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74LVC1G34DBVTG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G34DBVTG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G34DBVTG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G34DBVTG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G34DBVTG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G34DBVTG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G34DBVTG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G34DBVTG4 Datasheet HTML 11Page - Texas Instruments SN74LVC1G34DBVTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Temperature - °C
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
D001
TPD
Vcc - V
0
1
2
3
4
5
6
0
1
2
3
4
5
D002
TPD
8
SN74LVC1G34
SCES519M – DECEMBER 2003 – REVISED APRIL 2016
www.ti.com
Product Folder Links: SN74LVC1G34
Submit Documentation Feedback
Copyright © 2003–2016, Texas Instruments Incorporated
7.6 Switching Characteristics, CL = 15 pF
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40°C to 85°C
UNIT
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
2
9.9
1.5
6
1
3.5
1
2.9
ns
7.7 Switching Characteristics, –40°C to 85°C
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40°C to 85°C
UNIT
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.2
8.6
1.5
4.4
1.5
4.1
1
3.2
ns
7.8 Switching Characteristics, –40°C to 125°C
over recommended operating free-air temperature range, CL = 30 pF or 50 pF (unless otherwise noted) (see Figure 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
–40°C to 125°C
UNIT
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 3.3 V
± 0.3 V
VCC = 5 V
± 0.5 V
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
3.2
9.5
1.5
5.1
1.5
4.7
1
3.9
ns
7.9 Operating Characteristics
TA = 25°C
PARAMETER
TEST
CONDITIONS
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
16
16
16
18
pF
7.10 Typical Characteristics
Figure 1. TPD Across Temperature at 3.3V Vcc
Figure 2. TPD Across Vcc at 25°C


Podobny numer części - SN74LVC1G34DBVTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G34DBVTG4 TI-SN74LVC1G34DBVTG4 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
More results

Podobny opis - SN74LVC1G34DBVTG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
74AUP1G34 DIODES-74AUP1G34 Datasheet
204Kb / 11P
   SINGLE BUFFER GATE
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com