Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVCH16646ADGGRG4 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części 74LVCH16646ADGGRG4
Szczegółowy opis  16-BIT BUS TRANSCEIVER AND REGISTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVCH16646ADGGRG4 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button 74LVCH16646ADGGRG4 Datasheet HTML 3Page - Texas Instruments 74LVCH16646ADGGRG4 Datasheet HTML 4Page - Texas Instruments 74LVCH16646ADGGRG4 Datasheet HTML 5Page - Texas Instruments 74LVCH16646ADGGRG4 Datasheet HTML 6Page - Texas Instruments 74LVCH16646ADGGRG4 Datasheet HTML 7Page - Texas Instruments 74LVCH16646ADGGRG4 Datasheet HTML 8Page - Texas Instruments 74LVCH16646ADGGRG4 Datasheet HTML 9Page - Texas Instruments 74LVCH16646ADGGRG4 Datasheet HTML 10Page - Texas Instruments 74LVCH16646ADGGRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74LVCH16646A
16-BIT BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCAS318K – NOVEMBER 1993 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 2)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fmax
(1)
(1)
150
150
MHz
A or B
B or A
(1)
(1)
(1)
(1)
6.8
1.3
5.7
tpd
CLKAB or CLKBA
(1)
(1)
(1)
(1)
7.9
1.8
6.7
ns
A or B
SAB or SBA
(1)
(1)
(1)
(1)
9.2
1.7
7.7
ten
(1)
(1)
(1)
(1)
8.5
1.3
6.9
OE
A or B
ns
tdis
(1)
(1)
(1)
(1)
7.7
2.1
6.9
ten
(1)
(1)
(1)
(1)
8.5
1.4
7.2
DIR
A or B
ns
tdis
(1)
(1)
(1)
(1)
7.8
2
7
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
(1)
(1)
60
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per transceiver
Outputs disabled
(1)
(1)
12
(1)
This information was not available at the time of publication.
7


Podobny numer części - 74LVCH16646ADGGRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LVCH162244A PHILIPS-74LVCH162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVCH162244A PHILIPS-74LVCH162244A Datasheet
104Kb / 16P
   16-bit buffer/line driver, 30 OHM series
2003 Dec 12
logo
Nexperia B.V. All right...
74LVCH162244A NEXPERIA-74LVCH162244A Datasheet
249Kb / 13P
   16-bit buffer/line driver; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
logo
NXP Semiconductors
74LVCH162244ADGG PHILIPS-74LVCH162244ADGG Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVCH162244ADGG PHILIPS-74LVCH162244ADGG Datasheet
104Kb / 16P
   16-bit buffer/line driver, 30 OHM series
2003 Dec 12
More results

Podobny opis - 74LVCH16646ADGGRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
   16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Nexperia B.V. All right...
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
   16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
logo
NXP Semiconductors
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
   16-bit bus transceiver/register (3-State)
1998 Sep 03
logo
Texas Instruments
SN74LVC16652 TI-SN74LVC16652 Datasheet
156Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646A TI-SN74LVC16646A Datasheet
192Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVCH16652A-EP TI1-SN74LVCH16652A-EP Datasheet
320Kb / 13P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74LVC16646 TI-SN74LVC16646 Datasheet
148Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74ALVCH16646 TI1-SN74ALVCH16646_08 Datasheet
397Kb / 18P
[Old version datasheet]   16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16646 PERICOM-PI74ALVCH16646 Datasheet
426Kb / 6P
   16-Bit Bus Transceiver and Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com