Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVCH32373AGKER Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części SN74LVCH32373AGKER
Szczegółowy opis  32-BIT TRANSPARENT D-TYPE LATCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVCH32373AGKER Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74LVCH32373AGKER Datasheet HTML 2Page - Texas Instruments SN74LVCH32373AGKER Datasheet HTML 3Page - Texas Instruments SN74LVCH32373AGKER Datasheet HTML 4Page - Texas Instruments SN74LVCH32373AGKER Datasheet HTML 5Page - Texas Instruments SN74LVCH32373AGKER Datasheet HTML 6Page - Texas Instruments SN74LVCH32373AGKER Datasheet HTML 7Page - Texas Instruments SN74LVCH32373AGKER Datasheet HTML 8Page - Texas Instruments SN74LVCH32373AGKER Datasheet HTML 9Page - Texas Instruments SN74LVCH32373AGKER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74LVCH32373A
32-BIT TRANSPARENT D-TYPE LATCH
WITH 3-STATE OUTPUTS
SCAS618D – OCTOBER 1998 – REVISED MARCH 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 2.7 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
D
(1)
(1)
(1)
(1)
4.9
1.6
4.2
tpd
Q
ns
LE
(1)
(1)
(1)
(1)
5.3
2.1
4.6
ten
OE
Q
(1)
(1)
(1)
(1)
5.7
1.3
4.7
ns
tdis
OE
Q
(1)
(1)
(1)
(1)
6.3
2.5
5.9
ns
(1)
This information was not available at the time of publication.
T
A = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
TEST
PARAMETER
UNIT
CONDITIONS
TYP
TYP
TYP
Outputs enabled
(1)
(1)
39
Power dissipation capacitance
Cpd
f = 10 MHz
pF
per latch
Outputs disabled
(1)
(1)
6
(1)
This information was not available at the time of publication.
6


Podobny numer części - SN74LVCH32373AGKER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVCH32373AGKER TI1-SN74LVCH32373AGKER Datasheet
1Mb / 25P
[Old version datasheet]   SN74LVCH32373A 32-Bit Transparent D-Type Latch With 3-State Outputs
More results

Podobny opis - SN74LVCH32373AGKER

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVCH32373A TI-SN74LVCH32373A Datasheet
130Kb / 9P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC32373A TI-SN74LVC32373A Datasheet
248Kb / 11P
[Old version datasheet]   32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVCH32373A TI1-SN74LVCH32373A_V01 Datasheet
1Mb / 25P
[Old version datasheet]   SN74LVCH32373A 32-Bit Transparent D-Type Latch With 3-State Outputs
logo
Integrated Device Techn...
IDT74LVC16373A IDT-IDT74LVC16373A_15 Datasheet
106Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
IDT74LVCH162373A IDT-IDT74LVCH162373A Datasheet
223Kb / 6P
   3.3V CMOS 16-BIT TRANSPARENT D-TYPE LATCH
logo
Texas Instruments
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
[Old version datasheet]   10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
logo
Nexperia B.V. All right...
74ALVT16373 NEXPERIA-74ALVT16373 Datasheet
243Kb / 14P
   16-bit transparent D-type latch; 3-state
Rev. 5 - 14 July 2021
logo
Texas Instruments
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com