Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM3492 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części LM3492
Szczegółowy opis  Two-Channel Individual Dimmable LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM3492 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM3492 Datasheet HTML 1Page - Texas Instruments LM3492 Datasheet HTML 2Page - Texas Instruments LM3492 Datasheet HTML 3Page - Texas Instruments LM3492 Datasheet HTML 4Page - Texas Instruments LM3492 Datasheet HTML 5Page - Texas Instruments LM3492 Datasheet HTML 6Page - Texas Instruments LM3492 Datasheet HTML 7Page - Texas Instruments LM3492 Datasheet HTML 8Page - Texas Instruments LM3492 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LM3492, LM3492Q
www.ti.com
SNVS656C – SEPTEMBER 2010 – REVISED MAY 2013
Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current
Regulator
Check for Samples: LM3492, LM3492Q
1
FEATURES
2
Boost Converter:
COMM I/O pin for diagnostic and
commands
LM3492Q is an Automotive Grade Product
that is AEC Q100 Grade 1 Qualified
Thermal shutdown protection
Very Wide Input Voltage Ranged from 4.5V-
Thermally enhanced 20-Pin HTSSOP
65V
package
Programmable Soft-start
APPLICATIONS
No Loop Compensation Required
Ultra-high contrast ratio 6.5”-10” LCD display
Stable with Ceramic and Other low ESR
backlight up to 28 LEDs
Capacitors with no Audible Noise
Automotive or marine GPS display
Nearly Constant Switching Frequency
Programmable from 200 kHz to 1 MHz
DESCRIPTION
Current Regulators:
The LM3492 integrates a boost converter and a two-
Programmable LED Current from 50 mA to
channel current regulator to implement a high efficient
200 mA
and
cost
effective
LED
driver
for
driving
two
1000:1 Contrast Ratio at a Dimming
individually dimmable LED strings with a maximum
power of 15W and an output voltage of up to 65V.
Frequency of more than 3 kHz, Minimum
The boost converter employs a proprietary Projected-
LED Current Pulse width is 300 ns
On-Time control method to give a fast transient
Two Individual Dimmable LED strings up to
response with no compensation required, and a
65V, total 15W (typically 28 LEDs at 150
nearly constant switching frequency programmable
mA)
from 200 kHz to 1 MHz. The application circuit is
Dynamic Headroom Control maximizes
stable with ceramic capacitors and produces no
audible noise on dimming. The programmable peak
efficiency
current limit and soft-start features reduce current
Over-Power protection
surges at startup, and an integrated 190 m
Ω, 3.9A N-
±3% current accuracy
Channel MOSFET switch minimizes the solution size.
Supervisory Functions:
Precision enable
TYPICAL APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM3492

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM3492 NSC-LM3492 Datasheet
607Kb / 8P
   Evaluation Board Reference Design integrates a boost converter
logo
Texas Instruments
LM3492 TI-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492 TI1-LM3492 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM34922 TI1-LM34922 Datasheet
346Kb / 17P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
LM34922 TI-LM34922 Datasheet
1Mb / 19P
[Old version datasheet]   28V, 2A Constant On-Time Switching Regulator with Adjustable Current Limit
More results

Podobny opis - LM3492

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM3492HC-Q1 TI1-LM3492HC-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   Two-Channel, Individual Dimmable LED Driver
LM3492 TI1-LM3492_15 Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492MH TI-LM3492MH Datasheet
1Mb / 24P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
LM3492HC TI1-LM3492HC Datasheet
317Kb / 17P
[Old version datasheet]   Two-Channel Individual Dimmable LED Driver with Boost Converter and Fast Current Regulator
logo
Diodes Incorporated
AL1692-30B DIODES-AL1692-30B Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1692-10E DIODES-AL1692-10E Datasheet
320Kb / 14P
   DIMMABLE LED DRIVER
AL1698 DIODES-AL1698 Datasheet
748Kb / 15P
   DIMMABLE LED DRIVER
September 2019
logo
Supertex, Inc
HV9801A SUTEX-HV9801A Datasheet
969Kb / 9P
   Switch Dimmable LED Driver
HV9801A SUTEX-HV9801A_12 Datasheet
990Kb / 9P
   Switch Dimmable LED Driver
logo
Diodes Incorporated
AL16937 DIODES-AL16937 Datasheet
327Kb / 15P
   BUCK DIMMABLE LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com