Zakładka z wyszukiwarką danych komponentów |
|
SN74LVTZ240DW Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74LVTZ240DW Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 12 page SN54LVTZ240, SN74LVTZ240 3.3V ABT OCTAL BUFFERS/DRIVERS WITH 3STATE OUTPUTS SCBS301B − SEPTEMBER 1993 − REVISED JULY 1995 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251−1443 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS SN54LVTZ240 SN74LVTZ240 UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN TYP† MAX UNIT VIK VCC = 2.7 V, II = −18 mA −1.2 −1.2 V VCC = MIN to MAX‡, IOH = −100 µA VCC −0.2 VCC −0.2 VOH VCC = 2.7 V, IOH = − 8 mA 2.4 2.4 V VOH VCC = 3 V IOH = − 24 mA 2 V VCC = 3 V IOH = − 32 mA 2 VCC = 2.7 V IOL = 100 µA 0.2 0.2 VCC = 2.7 V IOL = 24 mA 0.5 0.5 VOL IOL = 16 mA 0.4 0.4 V VOL VCC = 3 V IOL = 32 mA 0.5 0.5 V VCC = 3 V IOL = 48 mA 0.55 IOL = 64 mA 0.55 VCC = 0 or MAX‡, VI = 5.5 V 10 10 II VI = VCC or GND Control inputs ±1 ±1 A II VCC = 0 to 3.6 V VI = VCC Data inputs 1 1 µA VCC = 0 to 3.6 V VI = 0 Data inputs −5 −5 Ioff VCC = 0 V, VI or VO = 0 to 4.5 V ±100 µA IOZPU§ VCC = 0 to 1.5 V, VO = 0.5 V to 3 V, OE = X ±50 µA IOZPD§ VCC = 1.5 V to 0, VO = 0.5 V to 3 V, OE = X ±50 µA II(hold) VCC = 3 V VI = 0.8 V A inputs 75 75 A II(hold) VCC = 3 V VI = 2 V A inputs −75 −75 µA IOZH VCC = 3.6 V, VO = 3 V 5 5 µA IOZL VCC = 3.6 V, VO = 0.5 V −5 −5 µA Outputs high 0.12 0.5 0.12 0.225 ICC VCC = 3.6 V, IO = 0, Outputs low 8.6 14 8.6 12 mA ICC VCC = 3.6 V, IO = 0, VI = VCC or GND Outputs disabled 0.12 0.5 0.12 0.225 mA ∆ICC¶ VCC = 3 V to 3.6 V, One input at VCC − 0.6 V, Other inputs at VCC or GND 0.3 0.2 mA Ci VI = 3 V or 0 4 4 pF Co VO = 3 V or 0 8 8 pF † All typical values are at VCC = 3.3 V, TA = 25°C. ‡ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. § This parameter is specified by characterization. ¶ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
Podobny numer części - SN74LVTZ240DW |
|
Podobny opis - SN74LVTZ240DW |