Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74LVTZ244 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74LVTZ244
Szczegółowy opis  3.3-V ABT OCTAL BUFFERS/DRIVERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVTZ244 Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74LVTZ244 Datasheet HTML 1Page - Texas Instruments SN74LVTZ244 Datasheet HTML 2Page - Texas Instruments SN74LVTZ244 Datasheet HTML 3Page - Texas Instruments SN74LVTZ244 Datasheet HTML 4Page - Texas Instruments SN74LVTZ244 Datasheet HTML 5Page - Texas Instruments SN74LVTZ244 Datasheet HTML 6Page - Texas Instruments SN74LVTZ244 Datasheet HTML 7Page - Texas Instruments SN74LVTZ244 Datasheet HTML 8Page - Texas Instruments SN74LVTZ244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54LVTZ244, SN74LVTZ244
3.3V ABT OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCBS302C − SEPTEMBER 1993 − REVISED JULY 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
SN54LVTZ244
SN74LVTZ244
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
TYP†
MAX
MIN
MAX
tPLH
A
Y
1
4.7
5.2
1
2.5
4.1
5
ns
tPHL
A
Y
1
4.4
5.4
1
2.5
4.1
5.2
ns
tPZH
OE
Y
1
5.4
6.5
1
2.7
5.2
6.3
ns
tPZL
OE
Y
1.1
5.4
7.6
1.1
3.1
5.2
6.7
ns
tPHZ
OE
Y
1.9
6.2
6.9
1.9
3.9
5.6
6.3
ns
tPLZ
OE
Y
1.8
5.5
6
1.8
3.2
5.1
5.6
ns
† All typical values are at VCC = 3.3 V, TA = 25°C.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Podobny numer części - SN74LVTZ244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVTZ244 TI-SN74LVTZ244 Datasheet
119Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74LVTZ244

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN54LVTT244 TI1-SN54LVTT244_11 Datasheet
151Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS
SN54LVTZ240 TI1-SN54LVTZ240 Datasheet
505Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SN54LVT240A TI-SN54LVT240A Datasheet
110Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI-SN54LVTH240 Datasheet
99Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI1-SN54LVTH540_16 Datasheet
885Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SN54LVTH543 TI1-SN54LVTH543_16 Datasheet
881Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI1-SN54LVTH240_16 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com