Zakładka z wyszukiwarką danych komponentów |
|
CD104NP-391KC Arkusz danych(PDF) 2 Page - Sumida Corporation |
|
CD104NP-391KC Arkusz danych(HTML) 2 Page - Sumida Corporation |
2 / 2 page Type: CD104 Please refer to the sales offices on our website for a representative near you www.sumida.com 2/2 POWER INDUCTORS <SMD Type: CD Series> ◆ Specification Part Name ※ Stamp Inductance ( μH) ※1 D.C.R (m Ω) [Max.] (TYP.) (at 20 ℃) Rated Current (A) ※2 S.R.F. (MHz) (TYP.) CD104NP-100M □ 100M 10 ±20% 53(40.8) 2.38 29.9 CD104NP-120M □ 120M 12 ±20% 61(46.4) 2.13 29.7 CD104NP-150M □ 150M 15 ±20% 70(53.9) 1.87 25.1 CD104NP-180M □ 180M 18 ±20% 81(62.2) 1.73 23.0 CD104NP-220M □ 220M 22 ±20% 88(67.4) 1.60 20.0 CD104NP-270M □ 270M 27 ±20% 100(77.2) 1.44 18.5 CD104NP-330M □ 330M 33 ±20% 120(92.0) 1.26 16.9 CD104NP-390M □ 390M 39 ±20% 151(116.1) 1.20 14.9 CD104NP-470M □ 470M 47 ±20% 170(130.6) 1.10 13.8 CD104NP-560K □ 560K 56 ±10% 199(152.7) 1.01 12.6 CD104NP-680K □ 680K 68 ±10% 223(171.6) 0.91 10.4 CD104NP-820K □ 820K 82 ±10% 252(194.1) 0.85 10.0 CD104NP-101K □ 101K 100 ±10% 344(264.9) 0.74 9.42 CD104NP-121K □ 121K 120 ±10% 396(304.7) 0.69 8.74 CD104NP-151K □ 151K 150 ±10% 544(418.1) 0.61 7.29 CD104NP-181K □ 181K 180 ±10% 621(477.7) 0.56 6.53 CD104NP-221K □ 221K 220 ±10% 721(554.5) 0.53 5.85 CD104NP-271K □ 271K 270 ±10% 949(730.3) 0.45 5.51 CD104NP-331K □ 331K 330 ±10% 1100(845.8) 0.42 4.91 CD104NP-391K □ 391K 390 ±10% 1245(957.5) 0.38 4.32 CD104NP-471K □ 471K 470 ±10% 1526(1220.6) 0.35 4.06 CD104NP-561K □ 561K 560 ±10% 1904(1522.9) 0.32 3.55 ※ ※ ※ ※ Description of part name CD104NP-100M □ ※1: Measuring frequency: 10μH~82μH ;at 2.52 MHz 100 μH~560μH;at 1 kHz ※2: Rated current: The DC current at which the inductance decreases to 90 % of it’s initial value or when △t=40℃, whichever is lower(Ta=20℃). B: Box C: Carrier Tape |
Podobny numer części - CD104NP-391KC |
|
Podobny opis - CD104NP-391KC |