Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5028 Arkusz danych(PDF) 8 Page - SamHop Microelectronics Corp.

Numer części SM5028
Szczegółowy opis  RF ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMHOP [SamHop Microelectronics Corp.]
Strona internetowa  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5028 Arkusz danych(HTML) 8 Page - SamHop Microelectronics Corp.

  SM5028 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5028 Datasheet HTML 8Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ORDERING INFORMATION
Part NO.
Package
SM5028RF
18Pin DIP
Page 8
SM5028 XX
Product No.
Logo
V1.0
RF:DIP TYPE
S:SO Package
Part NO.
Package
SM5028S
20Pin SOP
SM5028RF
212 RF ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司
Date Code
Serial Number
ESD Protection Mark
xxx xx


Podobny numer części - SM5028

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Datatronic Distribution...
SM502-1 DATATRONICS-SM502-1 Datasheet
64Kb / 1P
   This part is OBSOLETE, the SM501-1 is a possible replacement
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Nippon Precision Circui...
SM5021 NPC-SM5021 Datasheet
102Kb / 12P
   Crystal Oscillator Module ICs
logo
Advanced Analogic Techn...
SM5021A ANALOGICTECH-SM5021A Datasheet
38Kb / 8P
   ENCODER
More results

Podobny opis - SM5028

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SamHop Microelectronics...
SM5262B SAMHOP-SM5262B Datasheet
60Kb / 12P
   3 RF ENCODER
SM5172 SAMHOP-SM5172 Datasheet
52Kb / 12P
   3 RF ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A Datasheet
1Mb / 10P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83110A EMC-EM83110A Datasheet
167Kb / 16P
   RF KEYBOARD ENCODER
logo
Holtek Semiconductor In...
HT6P237A HOLTEK-HT6P237A_14 Datasheet
1Mb / 9P
   Learning RF Encoder
logo
ELAN Microelectronics C...
EM83100A EMC-EM83100A Datasheet
147Kb / 6P
   RF KEYBOARD ENCODER
EKK6511 EMC-EKK6511 Datasheet
161Kb / 14P
   RF Keyboard Encoder
logo
Holtek Semiconductor In...
HT6P235A HOLTEK-HT6P235A Datasheet
1Mb / 10P
   Learning RF Encoder without Crystal
logo
rfsolutions.ltd
RF600D RFSOLUTIONS-RF600D Datasheet
430Kb / 24P
   RF / IR Encoder / Decoder Chipset RF Evaluation Boards
logo
Holtek Semiconductor In...
HT6P427A HOLTEK-HT6P427A Datasheet
1Mb / 9P
   Learning RF Encoder with Crystal SOC
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com