Zakładka z wyszukiwarką danych komponentów |
|
CDRH104RT125NP-100MC Arkusz danych(PDF) 1 Page - Sumida Corporation |
|
CDRH104RT125NP-100MC Arkusz danych(HTML) 1 Page - Sumida Corporation |
1 / 4 page Page 1 of 4 Revised: 7-Jan-14 SMD SMD SMD SMD Power Inductor Power Inductor Power Inductor Power Inductor CDRH104R/T125 Description • Ferrite drum core construction. • Magnetically shielded. • L ×W×H:10.5×10.3 ×4.0 mm Max. • Product weight: 1.5g(Ref.) • Moisture Sensitivity Level: 1 • RoHS compliance. • Halogen Free available. • Qualified to AEC-Q200. Environmental Data • Operating temperature range: -40 ℃~+125℃ (including coil’s self temperature rise) • Storage temperature range: -40 ℃~+125℃ • Solder reflow temperature: 260 ℃ peak. Packaging • Carrier tape and reel packaging • 13”diameter reel • 1000pcs per reel Applications • Automotive. Halogen Free RoHS Dimension - [mm] Land pattern and Schematics - [mm] 3.0±0.1 1. 2± 0. 15 7. 7± 0. 3 3.8±0.2 10 .2 ± 0. 3 10.0±0.3 13.5 Max. Electrode 1. 6 7. 3 1. 6 3.2 (1.5 μH~10μH) (15 μH~33μH) (47 μH~330μH) |
Podobny numer części - CDRH104RT125NP-100MC |
|
Podobny opis - CDRH104RT125NP-100MC |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |