Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTB080C10Q8-0-T3-G Arkusz danych(PDF) 8 Page - Cystech Electonics Corp.

Numer części MTB080C10Q8-0-T3-G
Szczegółowy opis  N- and P-channel enhancement mode power MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYSTEKEC [Cystech Electonics Corp.]
Strona internetowa  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080C10Q8-0-T3-G Arkusz danych(HTML) 8 Page - Cystech Electonics Corp.

Back Button MTB080C10Q8-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 10Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 11Page - Cystech Electonics Corp. MTB080C10Q8-0-T3-G Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C703Q8
Issued Date : 2016.07.22
Revised Date :
Page No. : 8/12
MTB080C10Q8
CYStek Product Specification
Typical Characteristics(Cont.) : Q2(P-channel)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0
5
10
15
20
25
30
35
40
45
50
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
-ID=250
μA
-ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
0.001
0.01
0.1
1
10
-ID, Drain Current(A)
-VDS=10V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
2
4
6
8
1012
1416
18
20
Qg, Total Gate Charge(nC)
ID=-1.9A
VDS=-50V
VDS=-20V
VDS=-80V
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
-VDS, Drain-Source Voltage(V)
TA=25°C, Tj=150°C
VGS=-10V, RθJA=78°C/W
Single Pulse
DC
RDSON
Limited
100
μs
1ms
10ms
100ms
1s
Maximum Drain Current vs Junction Temperature
0
0.5
1
1.5
2
2.5
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C
VGS=-10V
RθJA=78°C/W


Podobny numer części - MTB080C10Q8-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cystech Electonics Corp...
MTB080N15J3 CYSTEKEC-MTB080N15J3 Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080N15J3-0-T3-G CYSTEKEC-MTB080N15J3-0-T3-G Datasheet
416Kb / 9P
   N -Channel Enhancement Mode Power MOSFET
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06J3-0-T3-G CYSTEKEC-MTB080P06J3-0-T3-G Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06L3 CYSTEKEC-MTB080P06L3 Datasheet
476Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Podobny opis - MTB080C10Q8-0-T3-G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com