Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCD4B14CCB Arkusz danych(PDF) 5 Page - ATMEL Corporation

Numer części FCD4B14CCB
Szczegółowy opis  Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FCD4B14CCB Arkusz danych(HTML) 5 Page - ATMEL Corporation

  FCD4B14CCB Datasheet HTML 1Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 2Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 3Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 4Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 5Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 6Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 7Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 8Page - ATMEL Corporation FCD4B14CCB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FCD4B14
1962C–01/02
Table 5. Resistance
Parameter
Min Value
Standard Method
ESD
On pins. HBM (Human Body Model) CMOS I/O
2 kV
MIL-STD-883- method 3015.7
On die surface (Zapgun)
Air discharge
±16 kV
NF EN 6100-4-2
MECHANICAL ABRASION
Number of cycles without lubricant multiply by a
factor of 20 for correlation with a real finger
200 000
MIL E 12397B
CHEMICAL RESISTANCE
Cleaning agent, acid, grease, alcohol, diluted
acetone
4 hours
Internal method
Table 6. Specifications
Explanation Of Test Levels
I
100% production tested at +25°C
II
100% production tested at +25°C, and sample tested at specified temperatures (AC testing done on sample)
III
Sample tested only
IV
Parameter is guaranteed by design and/or characterization testing
V
Parameter is a typical value only
VI
100% production tested at temperature extremes
D
100% probe tested on wafer at T
amb =+25°C
Parameter
Symbol
Test Level
Min
Typ
Max
Unit
Resolution
IV
50
micron
Size
IV
8x280
pixel
Yield: number of bad pixels
I
15
bad pixels
Equivalent resistance on TPP pin
I
23
30
47


Podobny numer części - FCD4B14CCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488-020 JDSU-FCD488-020 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488-025 JDSU-FCD488-025 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488FC-010 JDSU-FCD488FC-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488FC-020 JDSU-FCD488FC-020 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
More results

Podobny opis - FCD4B14CCB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AT77C102B ATMEL-AT77C102B_07 Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
AT77C102B ATMEL-AT77C102B Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Hamamatsu Corporation
R11265U-M4 HAMAMATSU-R11265U-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
logo
Omron Electronics LLC
M7E OMRON-M7E Datasheet
1Mb / 14P
   Digital Display (14 mm)
logo
DIWELL Electronics Co.,...
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com