Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TDC1000 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części TDC1000
Szczegółowy opis  TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TDC1000 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TDC1000 Datasheet HTML 2Page - Texas Instruments TDC1000 Datasheet HTML 3Page - Texas Instruments TDC1000 Datasheet HTML 4Page - Texas Instruments TDC1000 Datasheet HTML 5Page - Texas Instruments TDC1000 Datasheet HTML 6Page - Texas Instruments TDC1000 Datasheet HTML 7Page - Texas Instruments TDC1000 Datasheet HTML 8Page - Texas Instruments TDC1000 Datasheet HTML 9Page - Texas Instruments TDC1000 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
TDC1000, TDC1000-Q1
SNAS648B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
6.5 Electrical Characteristics
The electrical ratings specified in this section apply to all specifications in this document, unless otherwise noted. These
specifications are interpreted as conditions that do not degrade the device parametric or functional specifications for the life of
the product containing it. TA = 25°C, VDD = VIO = 3.7 V, VCOM = VCM = VDD / 2, CVCOM = 10 nF (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TRANSMITTER SIGNAL PATH (TX)
HIGH
VDD – 0.32
V
VOUT(TX)
Output voltage swing
ƒout = 1 MHz, RL = 75 Ω to VCM
LOW
0.32
V
IOUT(TX)
Output drive current
ƒout = 1 MHz, RL = 75 Ω to VCM
22
mARMS
ƒCLKIN = 8 MHz, divide-by-2 (programmable;
ƒOUT(TX)
Output TX frequency
4
MHz
see Transmitter Signal Path)
RECEIVER SIGNAL PATH (RX)
LNA capacitive feedback, GPGA = 6 dB, ƒIN = 1
STOP cycle-to-cycle
ΔtSTOP
MHz, VIN = 100 mVPP, CVCOM = 1 µF and
50
psRMS
jitter
Figure 14
LNA
Capacitive feedback, CIN = 300 pF, ƒIN = 1
GLNA
LNA gain
20
dB
MHz, RL = 100 kΩ to VCM, CVCOM = 1 µF
LNA input referred
Capacitive feedback, CIN = 300 pF, ƒ = 1 MHz,
enLNA
2
nV/
√Hz
noise density
VDD = 3.1 V, VIN = VCM, RL = ∞, CVCOM = 1 µF
HIGH
VCM + (VCM – 0.24) / (GLNA)
V
Resistive feedback, RL = 1 kΩ to
VIN(LNA)
Input voltage range
VCM, CVCOM = 1 µF
LOW
VCM – (VCM – 0.24) / (GLNA)
V
HIGH
VDD – 0.24
V
Resistive feedback, RL = 1 kΩ to
VOUT(LNA)
Output voltage range
VCM, CVCOM = 1 µF
LOW
GND + 0.24
V
Resistive feedback, RL = 1 kΩ to VCM, 100mV
SRLNA
Slew rate(1)
9
V/
μs
step, CVCOM = 1 µF
Capacitive feedback, ƒ = 1 MHz, RL = 100 kΩ
XTK
MUX ch-to-ch crosstalk
–57
dB
to VCM, CVCOM = 1 µF
Capacitive feedback, CIN = 300 pF, RL= 100 kΩ
BWLNA
–3-dB bandwidth
5
MHz
to VCM, CVCOM = 1 µF
LNA input offset
VOS(LNA)
Resistive mode, VIN = VCM, RL = ∞
±320
µV
voltage
VCOM
VCOM
VCOM output voltage
VCM
V
CVCOM = 1 µF
VCOM output error
0.5%
PGA
HIGH
VCM + (VCM – 0.06) / (GPGA)
V
RL = 100 kΩ to VCM, CL = 10 pF
VIN(PGA)
PGA input range
to GND
LOW
VCM – (VCM – 0.06) / (GPGA)
V
GPGAMIN
PGA min gain
0
dB
GPGAMAX
PGA max gain
DC, RL = ∞, CL = 10 pF
21
dB
ΔGPGA
PGA gain step size
3
dB
GE(PGA)
PGA gain error
DC, GPGA = 0 dB, RL = ∞, CL = 10 pF
5%
PGA gain temperature
TCGPGA
DC, GPGA = 0 dB, RL = ∞, CL = 10 pF
170
ppm/°C
coefficient
PGA input referred
GPGA = 21 dB, ƒ = 1 MHz, VDD = 3.1V, VIN =
enPGA
3.1
nV/
√Hz
noise density
VCM, RL = ∞, CVCOM = 1 µF
HIGH
VDD – 0.06
V
RL = 100 kΩ to VCM, CL = 10 pF
VOUT(PGA)
Output range
to GND
LOW
60
mV
GPGA = 21 dB, RL = 100 kΩ to VCM, CL = 10
BWPGA
–3-db bandwidth
5
MHz
pF, CVCOM = 1 µF
GPGA = 21 dB, RL = 100 kΩ to VCM, CL = 10
SRPGA
Slew rate(1)
12.5
V/µs
pF, CVCOM = 1 µF
(1)
The slew rate is measured from 10% to 90% and is represented by the average of the rising and falling slew rates.
6
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TDC1000 TDC1000-Q1


Podobny numer części - TDC1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eaton All Rights Reserv...
TDC10 EATON-TDC10 Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1-R EATON-TDC10-1-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
TDC10-1.5-R EATON-TDC10-1.5-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
logo
Cooper Bussmann, Inc.
TDC10-1.5A COOPER-TDC10-1.5A Datasheet
69Kb / 2P
   TDC Series, Glass Tube
logo
Eaton All Rights Reserv...
TDC10-10-R EATON-TDC10-10-R Datasheet
290Kb / 2P
   (TDC10) fast-acting (TDC11) time delay glass tube fuses
More results

Podobny opis - TDC1000

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1011-Q1 TI-TDC1011-Q1_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011-Q1 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Concentration Sensing Applications
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
logo
Amphenol Corporation
NPI-12 AMPHENOL-NPI-12 Datasheet
70Kb / 4P
   Level sensing
logo
Greystone Energy System...
FPPSPP GREYSTONE-FPPSPP Datasheet
142Kb / 1P
   FLOW SENSING PROBES
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
STMicroelectronics
VL6180 STMICROELECTRONICS-VL6180 Datasheet
2Mb / 73P
   Proximity sensing module
July 2021 Rev 14
logo
SparkFun Electronics
KIT-18448 SPARKFUN-KIT-18448 Datasheet
142Kb / 2P
   SparkFun Proximity Sensing Kit
9??0??1
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
logo
Coto Technology
FR2 COTO-FR2 Datasheet
665Kb / 4P
   Proximity sensing, Smoke alarms
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com