Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16C752DPFBR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TL16C752DPFBR
Szczegółowy opis  TL16C752D Dual UART With 64-Byte FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752DPFBR Arkusz danych(HTML) 1 Page - Texas Instruments

  TL16C752DPFBR Datasheet HTML 1Page - Texas Instruments TL16C752DPFBR Datasheet HTML 2Page - Texas Instruments TL16C752DPFBR Datasheet HTML 3Page - Texas Instruments TL16C752DPFBR Datasheet HTML 4Page - Texas Instruments TL16C752DPFBR Datasheet HTML 5Page - Texas Instruments TL16C752DPFBR Datasheet HTML 6Page - Texas Instruments TL16C752DPFBR Datasheet HTML 7Page - Texas Instruments TL16C752DPFBR Datasheet HTML 8Page - Texas Instruments TL16C752DPFBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
Crystal
Oscillator
Buffer
Data Bus
Interface
CSA
CSB
IOR
IOW
INTA
INTB
TXRDYA
RXRDYA
RESET
XTAL1
XTAL2
Baud
Rate
Generator
64-Byte TX FIFO
64-Byte RX FIFO
TX
RX
UART Channel A
64-Byte TX FIFO
64-Byte RX FIFO
TX
RX
UART Channel B
CTSA
RTSA
DSRA RIA CDA
,
,
CTSB
DSRB RIB CDB
,
,
RTSB
V
CC
GND
TXA
RXA
TXB
RXB
UART Regs
UART Regs
OPA DTRA
,
OPB DTRB
,
TXRDYB
RXRDYB
A2 to A0
D7 to D0
Baud
Rate
Generator
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TL16C752D
SLLSEN8B – SEPTEMBER 2015 – REVISED MARCH 2016
TL16C752D Dual UART With 64-Byte FIFO
1
1 Features
1
Pin Compatible With TL16C2550 With Enhanced
Features Provided Through an Improved FIFO
Register
Supports Wide Supply Voltage Range of 1.62 V to
5.5 V
3 Mbps (48-MHz Oscillator Input Clock)
at 5 V
2 Mbps (32-MHz Oscillator Input Clock)
at 3.3 V
1.5 Mbps (24-MHz Oscillator Input Clock)
at 2.5 V
1 Mbps (16-MHz Oscillator Input Clock)
at 1.8 V
Characterized for Operation from 0°C to 70°C
64-Byte Transmit/Receive FIFO
Software-Selectable Baud-Rate Generator
Programmable and Selectable Transmit and
Receive FIFO Trigger Levels for DMA, Interrupt
Generation, and Software or Hardware Flow
Control
Software/Hardware Flow Control
Programmable Xon and Xoff Characters With
Optional Xon Any Character
Programmable Auto-RTS and Auto-CTS-
Modem Control Functions (CTS, RTS, DSR,
DTR, RI, and CD)
DMA Signaling Capability for Both Received and
Transmitted Data on PN Package
RS-485 Mode Support
Infrared Data Association (IrDA) Capability
Programmable Sleep Mode
Programmable Serial Interface Characteristics
5, 6, 7, or 8-Bit Characters With 1, 1.5, or 2
Stop Bit Generation
Even, Odd, or No Parity Bit Generation and
Detection
False Start Bit and Line Break Detection
Internal Test and Loopback Capabilities
SC16C752B and XR16M752 Pin Compatible With
Additional Enhancements
2 Applications
Automotive Infotainment
Mobile Devices
Communications Equipment
White Goods
Industrial Computing
3 Description
The TL16C752D is a dual universal asynchronous
receiver transmitter (UART) with 64-byte FIFOs,
automatic hardware and software flow control, and
data rates up to 3 Mbps. The device offers enhanced
features. It has a transmission character control
register (TCR) that stores received FIFO threshold
level to start or stop transmission during hardware
and software flow control.
With the FIFO RDY register, the software gets the
status of TXRDY or RXRDY for all two ports in one
access. On-chip status registers provide the user with
error indications, operational status, and modem
interface control. System interrupts may be tailored to
meet
user
requirements.
An
internal
loop-back
capability
allows
onboard
diagnostics.
The
TL16C752D incorporates the functionality of two
UARTs, each UART having its own register set and
FIFOs.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TL16C752D
TQFP (48)
7.00 mm × 7.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Block Diagram


Podobny numer części - TL16C752DPFBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C752DPFBRQ1 TI1-TL16C752DPFBRQ1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
More results

Podobny opis - TL16C752DPFBR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com