Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL16PNP100A Arkusz danych(PDF) 5 Page - Texas Instruments

Numer części TL16PNP100A
Szczegółowy opis  STANDALONE PLUG-AND-PLAY
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL16PNP100A Arkusz danych(HTML) 5 Page - Texas Instruments

  TL16PNP100A Datasheet HTML 1Page - Texas Instruments TL16PNP100A Datasheet HTML 2Page - Texas Instruments TL16PNP100A Datasheet HTML 3Page - Texas Instruments TL16PNP100A Datasheet HTML 4Page - Texas Instruments TL16PNP100A Datasheet HTML 5Page - Texas Instruments TL16PNP100A Datasheet HTML 6Page - Texas Instruments TL16PNP100A Datasheet HTML 7Page - Texas Instruments TL16PNP100A Datasheet HTML 8Page - Texas Instruments TL16PNP100A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TL16PNP100A
STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
SLLS200C – MARCH 1995 – REVISED SEPTEMBER 1997
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
– 0.5
0.8
V
Operating free-air temperature, TA
0
70
°C
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High level output voltage
IOH = – 4 mA (see Note 1)
VCC – 0.8
V
VOH
High-level output voltage
IOH = – 12 mA (see Note 2)
VCC – 0.8
V
VOL
Low level output voltage
IOL = 4 mA (see Note 1)
0.5
V
VOL
Low-level output voltage
IOL = 24 mA (see Note 2)
0.5
V
Il
Input current
VCC = 5.25 V,
VSS = 0,
All other terminals
±1
µA
Il
Input current
CC
,
VI = 0 to 5.25 V,
All other terminals
floating
±1
µA
High impedance state output cur
VCC = 5.25 V,
VSS = 0,
IOZ
High-impedance-state output cur-
rent
VCC 5.25 V,
VSS 0,
VO = 0 to 5.25 V,
±10
µA
OZ
rent
O
Pullup transistors and pulldown transistors are off
µ
VCC =5 25 V
TA =25°C
VCC = 5.25 V,
TA = 25°C,
ICC
Supply current
All inputs at 0.8 V,
CLK at 4 MHz,
0.7
mA
ICC
Su
ly current
All in uts at 0.8 V,
CLK at 4 MHz,
No load on outputs
0.7
mA
No load on outputs
Ci(CLK)
Clock input capacitance
15
20
pF
fCLK
Clock frequency
10
22
MHz
† All typical values are at VCC = 5 V and TA = 25°C.
NOTES:
1. These parameters apply for all outputs except D7 – D0, IRQ3 – IRQ7 and IRQ9.
2. These parameters only apply for D7 – D0 and IRQ3 – IRQ7 and IRQ9 outputs.
clock timing requirements over recommended ranges of supply voltage and operating free-air
temperature
PARAMETER
ALTERNATE
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
tw(SCLKH)
Pulse duration, SCLK high to low (see Note 3)
tCHCL
250
ns
tw(SCLKL)
Pulse duration, SCLK low to high (see Note 3)
tCLCH
See Figure 8
250
ns
fCLK
SCLK clock frequency (see Note 4)
0.3
0.68
MHz
NOTES:
3. The ST93C56 chip select, S, must be brought low for a minimum of 250 ns (tSLSH) between consecutive instruction cycles according
to the ST93C56 specification.
4. The SCLK signal is attained by internally dividing the frequency of the XIN signal by 32.


Podobny numer części - TL16PNP100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
More results

Podobny opis - TL16PNP100A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL16PNP200A TI1-TL16PNP200A Datasheet
340Kb / 10P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP200 TI1-TL16PNP200 Datasheet
323Kb / 23P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
TL16PNP100A TI-TL16PNP100A Datasheet
281Kb / 20P
[Old version datasheet]   STANDALONE PLUG-AND-PLAY (PnP) CONTROLLER
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
   Plug and Play SCSI Terminator
112099
logo
Level One
FEP-1612 LVL1-FEP-1612 Datasheet
350Kb / 3P
   Simple Plug and Play installation
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
   Plug and Play SCSI Terminator
logo
Cirrus Logic
CRD5463PM CIRRUS-CRD5463PM Datasheet
719Kb / 20P
   Easy Plug-and-play Design
logo
Analog Devices
UG-400 AD-UG-400 Datasheet
400Kb / 20P
   Plug and play system evaluation
logo
Dallas Semiconductor
DS2109 DALLAS-DS2109 Datasheet
85Kb / 10P
   Plug and Play SCSI Terminator
logo
Level One
FSW-0513 LVL1-FSW-0513 Datasheet
657Kb / 3P
   Simple Plug and Play installation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com