Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL4050C50QDBZT Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części TL4050C50QDBZT
Szczegółowy opis  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL4050C50QDBZT Arkusz danych(HTML) 2 Page - Texas Instruments

  TL4050C50QDBZT Datasheet HTML 1Page - Texas Instruments TL4050C50QDBZT Datasheet HTML 2Page - Texas Instruments TL4050C50QDBZT Datasheet HTML 3Page - Texas Instruments TL4050C50QDBZT Datasheet HTML 4Page - Texas Instruments TL4050C50QDBZT Datasheet HTML 5Page - Texas Instruments TL4050C50QDBZT Datasheet HTML 6Page - Texas Instruments TL4050C50QDBZT Datasheet HTML 7Page - Texas Instruments TL4050C50QDBZT Datasheet HTML 8Page - Texas Instruments TL4050C50QDBZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TL4050
SLOS486A – JUNE 2007 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com
ORDERING INFORMATION(1)
DEVICE
ORDERABLE
TOP-SIDE
TA
VKA
PACKAGE(2)
GRADE
PART NUMBER
MARKING(3)
Reel of 3000
TL4050A25IDBZR
SOT-23-3 – DBZ
TKE_
Reel of 250
TL4050A25IDBZT
2.5 V
Reel of 3000
TL4050A25IDCKR
SC-70 – DCK
82_
Reel of 250
TL4050A25IDCKT
Reel of 3000
TL4050A41IDBZR
SOT-23-3 – DBZ
TKL_
Reel of 250
TL4050A41IDBZT
4.096 V
A grade:
Reel of 3000
TL4050A41IDCKR
0.1% initial
SC-70 – DCK
8E_
Reel of 250
TL4050A41IDCKT
accuracy and
50 ppm/°C
Reel of 3000
TL4050A50IDBZR
SOT-23-3 – DBZ
TKS_
temperature
Reel of 250
TL4050A50IDBZT
coefficient
5 V
Reel of 3000
TL4050A50IDCKR
SC-70 – DCK
8L_
Reel of 250
TL4050A50IDCKT
Reel of 3000
TL4050A10IDBZR
SOT-23-3 – DBZ
TK2_
Reel of 250
TL4050A10IDBZT
10 V
Reel of 3000
TL4050A10IDCKR
SC-70 – DCK
8Z_
Reel of 250
TL4050A10IDCKT
–40°C to 85°C
Reel of 3000
TL4050B25IDBZR
SOT-23-3 – DBZ
TKF_
Reel of 250
TL4050B25IDBZT
2.5 V
Reel of 3000
TL4050B25IDCKR
SC-70 – DCK
83_
Reel of 250
TL4050B25IDCKT
Reel of 3000
TL4050B41IDBZR
SOT-23-3 – DBZ
TKM_
Reel of 250
TL4050B41IDBZT
4.096 V
B grade:
Reel of 3000
TL4050B41IDCKR
0.2% initial
SC-70 – DCK
8F_
Reel of 250
TL4050B41IDCKT
accuracy and
50 ppm/°C
Reel of 3000
TL4050B50IDBZR
SOT-23-3 – DBZ
TKT_
temperature
Reel of 250
TL4050B50IDBZT
coefficient
5 V
Reel of 3000
TL4050B50IDCKR
SC-70 – DCK
8M_
Reel of 250
TL4050B50IDCKT
Reel of 3000
TL4050B10IDBZR
SOT-23-3 – DBZ
TK3_
Reel of 250
TL4050B10IDBZT
10 V
Reel of 3000
TL4050B10IDCKR
SC-70 – DCK
92_
Reel of 250
TL4050B10IDCKT
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
The actual top-side marking has one additional character that designates the wafer fab/assembly site.
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TL4050


Podobny numer części - TL4050C50QDBZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL4050C50QDBZT TI-TL4050C50QDBZT Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050C50QDBZT TI-TL4050C50QDBZT Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050C50QDBZT TI1-TL4050C50QDBZT Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050C50QDBZTG4 TI-TL4050C50QDBZTG4 Datasheet
618Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050C50QDBZTG4 TI-TL4050C50QDBZTG4 Datasheet
629Kb / 35P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Podobny opis - TL4050C50QDBZT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com