Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM20502SILT Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części LM20502SILT
Szczegółowy opis  2A SIMPLE SWITCHER Nano Module
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM20502SILT Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button LM20502SILT Datasheet HTML 4Page - Texas Instruments LM20502SILT Datasheet HTML 5Page - Texas Instruments LM20502SILT Datasheet HTML 6Page - Texas Instruments LM20502SILT Datasheet HTML 7Page - Texas Instruments LM20502SILT Datasheet HTML 8Page - Texas Instruments LM20502SILT Datasheet HTML 9Page - Texas Instruments LM20502SILT Datasheet HTML 10Page - Texas Instruments LM20502SILT Datasheet HTML 11Page - Texas Instruments LM20502SILT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Input Voltage (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
40
45
50
55
60
65
70
75
80
D005
-40°C
27°C
90°C
Input Voltage (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
0.3
0.35
0.4
0.45
0.5
0.55
0.6
D006
-40°C
27°C
90°C
Temperature (°C)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1
D003
Rising
Falling
Temperature (°C)
-40
-20
0
20
40
60
80
100
0.4
0.5
0.6
0.7
0.8
0.9
1
D004
Rising
Falling
Temperature (°C)
-40
-20
0
20
40
60
80
100
1.76
1.77
1.78
1.79
1.8
1.81
1.82
D001
Iout = 0 A
Iout = 1 A
Input Voltage (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.95
3
3.05
3.1
3.15
3.2
D002
-40°C
27°C
90°C
LMZ20502
SNVS852C – JUNE 2012 – REVISED APRIL 2015
www.ti.com
7.7 Typical Characteristics
Unless otherwise specified the following conditions apply: VIN = 3.6 V, TA = 25°C.
VIN = 3.6 V
PWM Mode
VOUT = 1.8 V
VIN = 3.6 V
IOUT = 0 A
PWM Mode
Figure 1. Typical Output Voltage vs Temperature
Figure 2. Switching Frequency in PWM Mode
VIN = 3.6 V
VIN = 3.6 V
Figure 3. EN Input Thresholds
Figure 4. MODE Input Thresholds
VFB = 0.8 V
AUTO Mode
VFB = 0.8 V
PWM Mode
Figure 5. Non-Switching Input Current in AUTO Mode
Figure 6. Non-Switching Input Current in PWM Mode
8
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LMZ20502


Podobny numer części - LM20502SILT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM205 NSC-LM205 Datasheet
154Kb / 8P
   Voltage Regulators
logo
Unisonic Technologies
LM2054G-P14-R UTC-LM2054G-P14-R Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054G-P14-T UTC-LM2054G-P14-T Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054L-P14-R UTC-LM2054L-P14-R Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
LM2054L-P14-T UTC-LM2054L-P14-T Datasheet
249Kb / 5P
   QUAD OPERATIONAL AMPLIFIERS
More results

Podobny opis - LM20502SILT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ20502 TI-LMZ20502 Datasheet
153Kb / 3P
[Old version datasheet]   LMZ20502 2A SIMPLE SWITCHER Nano Module
logo
National Semiconductor ...
LMZ14202H NSC-LMZ14202H Datasheet
540Kb / 20P
   2A SIMPLE SWITCHER Power Module for High Output Voltage
logo
Texas Instruments
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
LMZ10501SHX TI-LMZ10501SHX Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHE TI-LMZ10501SHE Datasheet
864Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ10501SHX TI1-LMZ10501SHX Datasheet
907Kb / 25P
[Old version datasheet]   LMZ10501 1A SIMPLE SWITCHER Nano Module with 5.5V Maximum Input Voltage
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ12002 TI-LMZ12002_15 Datasheet
1Mb / 31P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module With 20-V Maximum Input Voltage
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
LMZ12001EXT TI1-LMZ12001EXT_15 Datasheet
1Mb / 31P
[Old version datasheet]   1A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com