Zakładka z wyszukiwarką danych komponentów |
|
TLC220XY Arkusz danych(PDF) 16 Page - Texas Instruments |
|
TLC220XY Arkusz danych(HTML) 16 Page - Texas Instruments |
16 / 70 page TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS LOW NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175B − FEBRUARY 1997 − REVISED JANUARY 2008 16 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 TLC2202C electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS TA† TLC2202C UNIT PARAMETER TEST CONDITIONS TA† MIN TYP MAX UNIT VIO Input offset voltage 25 °C 100 1000 V VIO Input offset voltage Full range 1150 µV αVIO Temperature coefficient of input offset voltage Full range 0.5 µV/°C Input offset voltage long-term drift (see Note 4) VIC = 0, RS = 50 Ω 25 °C 0.001 0.005 µV/mo IIO Input offset current VIC = 0, RS = 50 Ω 25 °C 0.5 60 pA IIO Input offset current Full range 100 IIB Input bias current 25 °C 1 60 pA IIB Input bias current Full range 100 pA 0 VICR Common-mode input voltage range RS = 50 Ω Full range 0 to V VICR Common-mode input voltage range RS = 50 Ω Full range to 2.7 V VOH Maximum high-level output voltage RL = 10 kΩ 25 °C 4.7 4.8 V VOH Maximum high-level output voltage RL = 10 kΩ Full range 4.7 V VOL Maximum low-level output voltage IO = 0 25 °C 0 50 mV VOL Maximum low-level output voltage IO = 0 Full range 50 mV VO =1 V to 4 V, 25 °C 150 315 AVD Large-signal differential voltage amplification VO =1 V to 4 V, RL = 500 kΩ Full range 100 V/mV AVD Large-signal differential voltage amplification VO = 1 V to 4 V, 25 °C 25 55 V/mV VO = 1 V to 4 V, RL = 10 kΩ Full range 15 CMRR Common-mode rejection ratio VO = 0, VIC = VICRmin, 25 °C 75 110 dB CMRR Common-mode rejection ratio VO = 0, VIC = VICRmin, RS = 50 Ω Full range 75 dB kSVR Supply-voltage rejection ratio ( ∆VDD /∆VIO) VDD= 4.6 V to 16 V 25 °C 80 110 dB kSVR Supply-voltage rejection ratio ( ∆VDD±/∆VIO)VDD= 4.6 V to 16 V Full range 80 dB IDD Supply current VO = 0, No load 25 °C 1.7 2.6 mA IDD Supply current VO = 0, No load Full range 2.6 mA † Full range is 0°C to +70°C. NOTE 4: Typical values are based on the input offset voltage shift observed through 168 hours of operating life test at TA = 150°C extrapolated to TA = 25°C using Arrhenius equation and assuming an activation energy of 0.96 eV. TLC2202C operating characteristics at specified free-air temperature, VDD = 5 V PARAMETER TEST CONDITIONS TA† TLC2202C UNIT PARAMETER TEST CONDITIONS MIN TYP MAX UNIT SR Slew rate at unity gain VO = 0.5 V to 2.5 V, 25 °C 1.6 2.5 V/ s SR Slew rate at unity gain VO = 0.5 V to 2.5 V, RL = 10 kΩ,CL = 100 pF Full range 1.1 V/ µs Vn Equivalent input noise voltage f = 10 Hz 25 °C 18 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 8 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 to 1 Hz 25 °C 0.5 V VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 to 10 Hz 25 °C 0.7 µV In Equivalent input noise current 25 °C 0.6 fA/ √Hz Gain-bandwidth product f = 10 kHz, RL = 10 kΩ, 25 °C 1.9 MHz Gain-bandwidth product f = 10 kHz, CL = 100 pF RL = 10 kΩ, 25 °C 1.9 MHz φm Phase margin at unity gain RL = 10 kΩ, CL = 100 pF 25 °C 47 ° † Full range is 0°C to +70°C. |
Podobny numer części - TLC220XY |
|
Podobny opis - TLC220XY |