Zakładka z wyszukiwarką danych komponentów |
|
TLC254CN Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
TLC254CN Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 28 page TLC254, TLC254A, TLC254B, TLC254Y, TLC25L4, TLC25L4A, TLC25L4B TLC25L4Y, TLC25M4, TLC25M4A, TLC25M4B, TLC25M4Y LinCMOS QUAD OPERATIONAL AMPLIFIERS SLOS003G – JUNE 1983 – REVISED MARCH 2001 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VDD (see Note 1) 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage (see Note 2) ±18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range (any input) – 0.3 V to 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of short-circuit at (or below) 25 °C free-air temperature (see Note 3) unlimited . . . . . . . . . . . . . . . . . . Continuous total dissipation See Dissipation Rating Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Operating free-air temperature range 0 °C to 70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range – 65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to VDD – /GND. 2. Differential voltages are at IN+, with respect to IN –. 3. The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure the maximum dissipation rating is not exceeded. DISSIPATION RATING TABLE PACKAGE TA ≤ 25°C DERATING FACTOR TA = 70°C PACKAGE A POWER RATING ABOVE TA = 25°C A POWER RATING D 725 mW 5.8 mW/ °C 464 mW N 1050 mW 9.2 mW/ °C 736 mW PW 700 mW 5.6 mW/ °C 448 mW recommended operating conditions MIN MAX UNIT Supply voltage, VDD 1.4 16 V VDD = 1.4 V 0 0.2 Common mode input voltage VIC VDD = 5 V – 0.2 4 V Common-mode input voltage, VIC VDD = 10 V – 0.2 9 V VDD = 16 V – 0.2 14 Operating free-air temperature, TA 0 70 °C |
Podobny numer części - TLC254CN |
|
Podobny opis - TLC254CN |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |