Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLC2274QDRQ1 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TLC2274QDRQ1
Szczegółowy opis  Advanced LinCMOS Rail-To-Rail Operational Amplifiers
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2274QDRQ1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TLC2274QDRQ1 Datasheet HTML 1Page - Texas Instruments TLC2274QDRQ1 Datasheet HTML 2Page - Texas Instruments TLC2274QDRQ1 Datasheet HTML 3Page - Texas Instruments TLC2274QDRQ1 Datasheet HTML 4Page - Texas Instruments TLC2274QDRQ1 Datasheet HTML 5Page - Texas Instruments TLC2274QDRQ1 Datasheet HTML 6Page - Texas Instruments TLC2274QDRQ1 Datasheet HTML 7Page - Texas Instruments TLC2274QDRQ1 Datasheet HTML 8Page - Texas Instruments TLC2274QDRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
|VDD ±| − Supply Voltage (V)
10
8
6
4
12
14
16
TA = 25°C
IO = ± 50 µA
IO = ± 500 µA
4
6
8
10
12
14
16
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TLC2272-Q1, TLC2272A-Q1, TLC2274-Q1, TLC2274A-Q1
SGLS007F – FEBRUARY 2003 – REVISED MARCH 2016
TLC227x-Q1 Advanced LinCMOS™ Rail-To-Rail Operational Amplifiers
1
1 Features
1
Qualified for Automotive Applications
Device Temperature Grade: –40°C to 125°C
Ambient Operating Temperature Range
Device HBM ESD Classification Level 2
Device CDM ESD Classification Level C6
Output Swing Includes Both Supply Rails
Low Noise: 9 nV/
√Hz Typical at f = 1 kHz
Low Input Bias Current: 1 pA Typical
Fully Specified for Both Single-Supply and Split-
Supply Operation
Common-Mode Input Voltage Range Includes
Negative Rail
High-Gain Bandwidth: 2.2 MHz Typical
High Slew Rate: 3.6 V/
μs Typical
Low Input Offset Voltage 950
μV Maximum at
TA = 25°C
Macromodel Included
2 Applications
Gear Boxes
Transmission Control
On-Board Chargers
Body Control Modules
Steering Angle Sensors
Electric Power Steering
Engine Control Units
Airbags
Blind Spot Detection
Clusters
Car Audio
Navigation Systems
White Goods (Refrigerators, Washing Machines)
3 Description
The TLC2272-Q1 and TLC2274-Q1 devices are dual
and quadruple operational amplifiers from Texas
Instruments. Both devices exhibit rail-to-rail output
performance for increased dynamic range in single-
or split-supply applications. The TLC227x-Q1 family
offers 2 MHz of bandwidth and 3 V/
μs of slew rate for
higher-speed
applications.
These
devices
offer
comparable AC performance while having better
noise, input offset voltage, and power dissipation than
existing
CMOS
operational
amplifiers.
The
TLC227x
‑Q1 has a noise voltage of 9 nV/√Hz, two
times lower than competitive solutions.
The TLC227x-Q1, exhibiting high input impedance
and
low
noise,
is
excellent
for
small-signal
conditioning for high-impedance sources, such as
piezoelectric transducers. In addition, the rail-to-rail
output feature, with single- or split-supplies, makes
this family a great choice when interfacing with
analog-to-digital converters (ADCs). For precision
applications, the TLC227xA-Q1 family is available
with a maximum input offset voltage of 950
μV. This
family is fully characterized at 5 V and ±5 V.
They offer increased output dynamic range, lower
noise voltage, and lower input offset voltage. This
enhanced feature set allows them to be used in a
wider range of applications. For applications that
require higher output drive and wider input voltage
range,
see
the
TLV2432-Q1
and
TLV2442-Q1
devices. All of the parameters of the TLC227x-Q1
family enables the device to be applicable in most
automotive applications.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TLC2272-Q1
SOIC (8)
4.90 mm x 3.91 mm
TSSOP (8)
3.00 mm × 4.40 mm
TLC2274-Q1
SOIC (14)
8.65 mm x 3.91 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Maximum Peak-To-Peak Output Voltage vs
Supply Voltage


Podobny numer części - TLC2274QDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC2274QDRQ1 TI-TLC2274QDRQ1 Datasheet
635Kb / 35P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO -RAIL OPERATIONAL AMPLIFIERS
TLC2274QDRQ1 TI1-TLC2274QDRQ1 Datasheet
741Kb / 39P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Podobny opis - TLC2274QDRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC2272A-Q1 TI-TLC2272A-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   ADVANCED LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_07 Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV226X TI-TLV226X_08 Datasheet
1Mb / 57P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262-Q1 TI1-TLV2262-Q1 Datasheet
694Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272 TI1-TLC2272 Datasheet
2Mb / 63P
[Old version datasheet]   Advanced LinCMOS Rail-to-Rail Operational Amplifiers
TLC226X TI-TLC226X Datasheet
932Kb / 59P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2274A TI-TLC2274A Datasheet
619Kb / 33P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLC227X-EP TI1-TLC227X-EP Datasheet
1Mb / 40P
[Old version datasheet]   ADVANCED LINCMOS RAIL TO RAIL OPERATIONAL AMPLIFIERS
TLV2262A-Q1 TI1-TLV2262A-Q1_16 Datasheet
1Mb / 43P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC227X TI-TLC227X_07 Datasheet
1Mb / 67P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLC2272A-EP TI1-TLC2272A-EP Datasheet
993Kb / 39P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com