Zakładka z wyszukiwarką danych komponentów |
|
TLC2652AI-8DR Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
TLC2652AI-8DR Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 39 page TLC2652, TLC2652A, TLC2652Y Advanced LinCMOS PRECISION CHOPPERSTABILIZED OPERATIONAL AMPLIFIERS SLOS019E − SEPTEMBER 1988 − REVISED FEBRUARY 2005 10 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics at specified free-air temperature, VDD± = ±5 V PARAMETER TEST CONDITIONS TA† TLC2652Q TLC2652M TLC2652AM UNIT A MIN TYP MAX SR + Positive slew rate at unity gain V = 2.3 V, 25 °C 2 2.8 V/ s SR + Positive slew rate at unity gain VO = ± 2.3 V, RL = 10 kΩ, Full range 1.3 V/ µs SR − Negative slew rate at unity gain O RL = 10 kΩ, CL = 100 pF 25 °C 2.3 3.1 V/ s SR − Negative slew rate at unity gain CL = 100 pF Full range 1.6 V/ µs Vn Equivalent input noise voltage f = 10 Hz 25 °C 94 nV/ √Hz Vn Equivalent input noise voltage f = 1 kHz 25 °C 23 nV/ √Hz VN(PP) Peak-to-peak equivalent input noise voltage f = 0 to 1 Hz 25 °C 0.8 V VN(PP) Peak-to-peak equivalent input noise voltage f = 0 to 10 Hz 25 °C 2.8 µV In Equivalent input noise current f = 1 kHz 25 °C 0.004 pA/ √Hz Gain-bandwidth product f = 10 kHz, RL = 10 kΩ, CL = 100 pF 25 °C 1.9 MHz φm Phase margin at unity gain RL = 10 kΩ, CL = 100 pF 25 °C 48 ° † Full range is − 40° to 125°C for the Q suffix, −55° to 125°C for the M suffix. |
Podobny numer części - TLC2652AI-8DR |
|
Podobny opis - TLC2652AI-8DR |