Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FP0100 Arkusz danych(PDF) 4 Page - Supertex, Inc

Numer części FP0100
Szczegółowy opis  Fault Protection Switch with Current Fold-back
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUTEX [Supertex, Inc]
Strona internetowa  http://www.supertex.com
Logo SUTEX - Supertex, Inc

FP0100 Arkusz danych(HTML) 4 Page - Supertex, Inc

  FP0100_10 Datasheet HTML 1Page - Supertex, Inc FP0100_10 Datasheet HTML 2Page - Supertex, Inc FP0100_10 Datasheet HTML 3Page - Supertex, Inc FP0100_10 Datasheet HTML 4Page - Supertex, Inc FP0100_10 Datasheet HTML 5Page - Supertex, Inc FP0100_10 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FP0100
Supertex inc.
www.supertex.com
Doc.# DSFP-FP0100
C070113
Figure 4. Higher Input Voltage Application
Figure 5. Short Circuit Test Performance
The FP0100 has a typical response time of less than 30ns.
The short circuit test set-up is shown in Figure 5. The output
is at 60V prior to a short. A 10Ω resistor is used to measure
the current going into the FP0100. A 220nF ceramic capaci-
tor is added on the input to supply any transient currents that
might occur. The waveform is shown in Figure 6. Channel 1
is the output voltage which is discharged to 0V. Channel 2 is
the voltage across the 10Ω resistor. The input current peaks
to 400mA then decays quickly within 20ns.
10
FP0100
+
60V
-
VIN
VOUT
RSEN
Short to
Ground
V
OUT
220nF
I
IN
FP0100
VIN
VOUT
RSEN
R
SEN
Input
0 to 450V
DN3545
±7.5V
150k
+
7.5V
-
Output


Podobny numer części - FP0100_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ML Accessories Limited....
FP0100GM KNIGHTSBRIDGE-FP0100GM Datasheet
216Kb / 1P
   TV Outlet (non-isolated) - Gunmetal
12/04/2024
More results

Podobny opis - FP0100_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Supertex, Inc
FP0100 SUTEX-FP0100 Datasheet
790Kb / 6P
   Fault Protection Switch with Current Fold-back
FP0060 SUTEX-FP0060 Datasheet
744Kb / 5P
   짹60V AC Switch with Current Fold-Back Protection
logo
Unisonic Technologies
LR9XXYYBG-AE6-R UTC-LR9XXYYBG-AE6-R Datasheet
192Kb / 5P
   Built-in Fold Back Protection Circuit
logo
Kinetic Technologies.
KTU1000 KINETIC-KTU1000 Datasheet
768Kb / 13P
   USB Hi-Speed Switch with Fault Protection
August 2020 - Revision 04d
logo
ON Semiconductor
NCL30082 ONSEMI-NCL30082 Datasheet
395Kb / 32P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
February, 2013 ??Rev. P2
NCL30082 ONSEMI-NCL30082_13 Datasheet
364Kb / 33P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30083 ONSEMI-NCL30083_15 Datasheet
393Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
January, 2015 ??Rev. 2
NCL30083 ONSEMI-NCL30083_13 Datasheet
404Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
logo
Maxim Integrated Produc...
MAX4370 MAXIM-MAX4370 Datasheet
226Kb / 16P
   Current-Regulating Hot-Swap Controller with DualSpeed/BiLevel Fault Protection
Rev 0; 4/99
logo
Nexperia B.V. All right...
PESD3V3L4BHC NEXPERIA-PESD3V3L4BHC Datasheet
289Kb / 11P
   4-fold bidirectional ESD protection array
7 June 2019
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com