Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2833DW Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części UC2833DW
Szczegółowy opis  Precision Low Dropout Linear Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC2833DW Arkusz danych(HTML) 2 Page - Texas Instruments

  UC2833DW Datasheet HTML 1Page - Texas Instruments UC2833DW Datasheet HTML 2Page - Texas Instruments UC2833DW Datasheet HTML 3Page - Texas Instruments UC2833DW Datasheet HTML 4Page - Texas Instruments UC2833DW Datasheet HTML 5Page - Texas Instruments UC2833DW Datasheet HTML 6Page - Texas Instruments UC2833DW Datasheet HTML 7Page - Texas Instruments UC2833DW Datasheet HTML 8Page - Texas Instruments UC2833DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CONNECTION DIAGRAMS
DIL-14 (Top View)
J Or N Package
SOIC-16 (Top View)
DW Package
UC1832
UC2832/3
UC3832/3
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
+VIN
2
Comp/Shutdown
3
E/A(+)
4
+2V REF
5
N/C
6
Gnd
7
Logic Disable
8
Limit
9
Source
10
N/C
11
E/A(-)
12
Sink
13
VADJ
14
N/C
15-17
Timer RC
18
Current Sense(-)
19
Current Sense(+)
20
LCC-20 & PLCC-20
L & Q Package
(Top View)
ABSOLUTE MAXIMUM RATINGS
Supply Voltage +VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40V
Driver Output Current (Sink or Source) . . . . . . . . . . . . . 450mA
Driver Sink to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . 40V
TRC Pin Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 3.2V
Other Input Voltages. . . . . . . . . . . . . . . . . . . . . . . –0.3V to +VIN
Operating Junction Temperature (note 2) . . . –55°C to +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Lead Temperature (Soldering, 10 Seconds) . . . . . . . . . . 300
°C
Note 1: Unless otherwise indicated, voltages are referenced to
ground and currents are positive into, negative out of, the speci-
fied terminals.
Note 2: See Unitrode Integrated Circuits databook for
information regarding thermal specifications and limitations of
packages.
UC
2832
UC
3833
PACKAGE PIN FUNCTION
FUNCTION
PIN
+VIN & C/S(+)
1
N/C
2
N/C
3
N/C
4
Comp/Shutdown
5
Gnd
6
N/C
7
N/C
8
N/C
9
Source
10
N/C
11
E/A(-)
12
N/C
13
N/C
14
Sink
15
Timer RC
16
Current Sense(+)
17
N/C
18-20
SOIC-16 (Top View)
DW Package
DIL-8 (Top View)
J Or N Package
LCC-20 & PLCC-20
L & Q Package
(Top View)
2


Podobny numer części - UC2833DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2833DW TI1-UC2833DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2833DWG4 TI1-UC2833DWG4 Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2833DWTR TI1-UC2833DWTR Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2833DWTRG4 TI1-UC2833DWTRG4 Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
More results

Podobny opis - UC2833DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2832DW TI1-UC2832DW Datasheet
1Mb / 20P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC1832 TI-UC1832 Datasheet
733Kb / 8P
[Old version datasheet]   Precision Low Dropout Linear Controllers
UC2832-EP TI-UC2832-EP Datasheet
555Kb / 13P
[Old version datasheet]   PRECISION LOW DROPOUT LINEAR CONTROLLER
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Rohm
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
logo
Analog Devices
ADP3302 AD-ADP3302 Datasheet
303Kb / 8P
   High Precision anyCAP??Dual Low Dropout Linear Regulator
REV. 0
ADP3302 AD-ADP3302_15 Datasheet
306Kb / 8P
   High Precision anyCAP Dual Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com