Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC3525ANG4 Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części UC3525ANG4
Szczegółowy opis  REGULATING PULSE WIDTH MODULATORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC3525ANG4 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button UC3525ANG4 Datasheet HTML 6Page - Texas Instruments UC3525ANG4 Datasheet HTML 7Page - Texas Instruments UC3525ANG4 Datasheet HTML 8Page - Texas Instruments UC3525ANG4 Datasheet HTML 9Page - Texas Instruments UC3525ANG4 Datasheet HTML 10Page - Texas Instruments UC3525ANG4 Datasheet HTML 11Page - Texas Instruments UC3525ANG4 Datasheet HTML 12Page - Texas Instruments UC3525ANG4 Datasheet HTML 13Page - Texas Instruments UC3525ANG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
VREF
PWM
Adj.
3 kW
10 kW
1.5 kW
3.6 kW
.009
0.1
1 = VOS
2 = I(+)
3 = I(−)
V/I Meter
+
Clock
SYNC
RT
Deadtime
Ramp
100 W
.001
Comp
10 kW
0.1
0.1
16
4
3
6
7
5
9
1
2
15
13
11
14
12
8
10
Reference
Regulator
Flip/
Flop
PWM
E/A
D.U.T.
A
B
+VIN
0.1
VC
0.1
Out A
1 k, 1 W
(2)
Out B
Gnd
Soft-Start
5 mF
50 mA
5 kW
5 kW
5 kW
VREF
Shutdown
1
2
3
1
2
3
3
1
2
1
2
3
UC1525A, UC1527A
UC2525A, UC2527A
UC3525A, UC3527A
SLUS191C – FEBRUARY 1997 – REVISED JANUARY 2008
PRINCIPLES OF OPERATION AND TYPICAL CHARACTERISTICS (continued)
Figure 12. Lab Test Fixture
10
Submit Documentation Feedback
Copyright © 1997–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1525A, UC1527A UC2525A, UC2527A UC3525A, UC3527A


Podobny numer części - UC3525ANG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC3525ANG4 TI1-UC3525ANG4 Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Podobny opis - UC3525ANG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com