Zakładka z wyszukiwarką danych komponentów |
|
FAN1117AS18X Arkusz danych(PDF) 8 Page - Fairchild Semiconductor |
|
FAN1117AS18X Arkusz danych(HTML) 8 Page - Fairchild Semiconductor |
8 / 9 page PRODUCT SPECIFICATION FAN1117A 8 REV. 1.1.0 11/7/03 Mechanical Dimensions (continued) 3-Lead TO-252 Package D D1 GAGE PLANE NOTES: UNLESS OTHERWISE SPECIFIED A) ALL DIMENSIONS ARE IN MILLIMETERS. B) THIS PACKAGE CONFORMS TO JEDEC, TO-252, ISSUE C. VARIATION AA & AB, DATED NOV. 1999. C) DIMENSIONING AND TOLERANCING PER ASME Y14.5–1994. D) HEAT SINK TOP EDGE COULD BE IN CHAMFERED CORNERS OR EDGE PROTRUSION. E) DIMENSIONS L3, D, E1 & D1 TABLE: OPTION AA OPTION AB 0.89 – 1.27 1.52 – 2.03 5.97 – 6.22 5.33 – 5.59 4.32 MIN 3.81 MIN 5.21 MIN L3 D E1 D1 4.57 MIN 0.51 SEATING PLANE DETAIL A (1.54) 1.78 1.40 0.61 0.48 10 ° 0 ° 0.127 MAX (ROTATED –90 ° SCALE 12X E1 L3 1 1 2 3 1 2 3 4 3 4 6.73 6.35 1.02 0.84 6.25 6.00 MIN 6.50 MIN 4.80 2.38 2.18 0.58 0.48 0.10 B 10.41 9.40 SEE DETAIL A 3.00 MIN 1.40 MIN LAND PATTERN RECOMMENDATION 1.14 0.78 0.89 0.54 SEE NOTE D (0.59) 2.29 5.46 5.21 4.57 0.25 A C MM 2.90 2.30 C A B |
Podobny numer części - FAN1117AS18X |
|
Podobny opis - FAN1117AS18X |