Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2625DW Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części UC2625DW
Szczegółowy opis  Brushless DC Motor Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC2625DW Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button UC2625DW Datasheet HTML 2Page - Texas Instruments UC2625DW Datasheet HTML 3Page - Texas Instruments UC2625DW Datasheet HTML 4Page - Texas Instruments UC2625DW Datasheet HTML 5Page - Texas Instruments UC2625DW Datasheet HTML 6Page - Texas Instruments UC2625DW Datasheet HTML 7Page - Texas Instruments UC2625DW Datasheet HTML 8Page - Texas Instruments UC2625DW Datasheet HTML 9Page - Texas Instruments UC2625DW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
22
26
25
2
Quad Sel
RC-Osc
PWM In
27
28
1
E/A Out
E/A In(+)
E/A In (–)
OSC
S
Q
R
S
Q
R
PWM CLOCK
24
SSTART
3
ISENSE
4
ISENSE1
5
ISENSE2
19
VCC
23
OV-Coast
6
Dir
7
Speed-In
2X
2.5V
250W
2.9V
Q1
10mA
3.1V
9V
DIRECTION
LATCH
0.25V
PWM CLOCK
8
H1
9
H2
L
Q
D
L
Q
D
L
Q
D
10
H3
+5V
+5V
+5V
EDGE
DETECT
ONE
SHOT
21
RC-Brake
2k
1V
DIR
COAST
CHOP
QUAD
H2
H1
H3
BRAKE
DECODER
CROSS
CONDUCTION
PROTECTION
LATCHES
18
PUA
17
PUB
16
PUC
14
PDA
13
PDB
12
PDC
15
GND
20
Tach-Out
11
Pwr Vcc
+5V
VREF
5V
REFERENCE
PWM
CLOCK
1.75V
ABS VALUE
0.2V
UC1625
UC2625
UC3625
SLUS353C – NOVEMBER 2003 – REVISED JUNE 2013
www.ti.com
BLOCK DIAGRAM
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: UC1625 UC2625 UC3625


Podobny numer części - UC2625DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2625DW TI-UC2625DW Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWTR TI-UC2625DWTR Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
More results

Podobny opis - UC2625DW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com