Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC2625Q Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części UC2625Q
Szczegółowy opis  Brushless DC Motor Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC2625Q Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button UC2625Q Datasheet HTML 7Page - Texas Instruments UC2625Q Datasheet HTML 8Page - Texas Instruments UC2625Q Datasheet HTML 9Page - Texas Instruments UC2625Q Datasheet HTML 10Page - Texas Instruments UC2625Q Datasheet HTML 11Page - Texas Instruments UC2625Q Datasheet HTML 12Page - Texas Instruments UC2625Q Datasheet HTML 13Page - Texas Instruments UC2625Q Datasheet HTML 14Page - Texas Instruments UC2625Q Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
EDGE
FINDER
SHIFT
REG
S
Q
Q
R
S
Q
Q
R
PUA
PDA
PULL
DOWN
PULL UP
FROM
DECODER
PWM
CLK
UC1625
UC2625
UC3625
www.ti.com
SLUS353C – NOVEMBER 2003 – REVISED JUNE 2013
APPLICATION INFORMATION
Cross Conduction Prevention
The UC3625 inserts delays to prevent cross conduction due to overlapping drive signals. However, some thought
must always be given to cross conduction in output stage design because no amount of dead time can prevent
fast slewing signals from coupling drive to a power device through a parasitic capacitance.
The UC3625 contains input latches that serve as noise blanking filters. These latches remain transparent through
any phase of a motor rotation and latch immediately after an input transition is detected. They remain latched for
two cycles of the PWM oscillator. At a PWM oscillator speed of 20 kHz, this corresponds to 50
μs to 100 μs of
blank time which limits maximum rotational speed to 100 kRPM for a motor with six transitions per rotation or 50
kRPM for a motor with 12 transitions per rotation.
This prevents noise generated in the first 50
μs of a transition from propagating to the output transistors and
causing cross-conduction or chatter.
The UC3625 also contains six flip flops corresponding to the six output drive signals. One of these flip flops is set
every time that an output drive signal is turned on, and cleared two PWM oscillator cycles after that drive signal
is turned off. The output of each flip flop is used to inhibit drive to the opposing output (Figure 8). In this way, it is
impossible to turn on driver PUA and PDA at the same time. It is also impossible for one of these drivers to turn
on without the other driver having been off for at least two PWM oscillator clocks.
Figure 8. Cross Conduction Prevention
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UC1625 UC2625 UC3625


Podobny numer części - UC2625Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC2625Q TI-UC2625Q Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625QTR TI-UC2625QTR Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
More results

Podobny opis - UC2625Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com